Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1524S Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # E1524S
Description  4C 14 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

E1524S Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  E1524S Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: E1524S
Date:
10/26/2007
Revision Level:
1
4C 14 SOLID BC SR-PVC PVC
Fire Alarm/Life Safety Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#14 AWG Bare Copper
0.013” Wall Semi-Rigid Polyvinyl Chloride
0.015” Wall Polyvinyl Chloride - Red
0.064” nom.
CAROL A (R) 14 AWG - - E1524S - - 75C E66267-8 (UL) TYPE FPLR - - MADE IN USA (DATE
CODE & SEQUENTIAL FOOTAGE 1000’ TO 0’)
4C @ 4.00” LHL
0.218” nom.
0.090” nom.
0.248" +/- 0.012"
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
75C
300V
2.5 Ohms/1000 ft nom
32.54 pF/ft @ 1kHz nom
59.1 Ohms @ 1MHz nom
National Electrical Code
Article 760
UL Standard 1424
Type FPLR
1
2
3
4
Black
Red
Brown
Blue
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - E1524S

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
E1524S-1WR3 MORNSUN-E1524S-1WR3 Datasheet
2Mb / 6P
   1W isolated DC-DC converter Fixed input voltage, unregulated dual/single output
2022.08.08
More results

Similar Description - E1524S

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
E1484S GENERAL-E1484S Datasheet
73Kb / 1P
   4C 22 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
E1504S GENERAL-E1504S Datasheet
73Kb / 1P
   4C 18 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
E1514S GENERAL-E1514S Datasheet
73Kb / 1P
   4C 16 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
E2504S GENERAL-E2504S Datasheet
74Kb / 1P
   4C 18 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
E2524S GENERAL-E2524S Datasheet
73Kb / 1P
   4C 16 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
E2544S GENERAL-E2544S Datasheet
73Kb / 1P
   4C 12 SOLID BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
E2484S GENERAL-E2484S Datasheet
73Kb / 1P
   4C 22 Solid BC SR-PVC OAS PVC Fire Alarm/Life Safety Cable
C3245 GENERAL-C3245 Datasheet
73Kb / 1P
   4C 14 SOLID BC HALAR PVC Fire Alarm/Life Safety Cable
E1482S GENERAL-E1482S Datasheet
73Kb / 1P
   2C 22 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
E1486S GENERAL-E1486S Datasheet
74Kb / 1P
   6C 22 SOLID BC SR-PVC PVC Fire Alarm/Life Safety Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com