Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BD136 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. BD136
Description  Medium Power Linear and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 2 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Collector-Emitter Saturation Voltage
Figure 3. Base-Emitter Voltage
Figure 4. Safe Operating Area
Figure 5. Power Derating
-10
-100
-1000
0
10
20
30
40
50
60
70
80
90
100
VCE = -2V
IC[mA], COLLECTOR CURRENT
-1E-3
-0.01
-0.1
-1
-10
-0
-50
-100
-150
-200
-250
-300
-350
-400
-450
-500
IC[A], COLLECTOR CURRENT
-1E-3
-0.01
-0.1
-1
-10
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-1.0
-1.1
VBE
(on)
VCE
=
-5V
VBE
(sat
)
IC =
10
IB
IC[A], COLLECTOR CURRENT
-1
-10
-100
-0.01
-0.1
-1
-10
10us
IC MAX. (Pulsed)
IC MAX. (Continuous)
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
TC[
o
C], CASE TEMPERATURE




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BD240Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
BD241Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
BD242Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
BD243Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD244Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
2N6121Medium Power Linear and Switching Applications 1 2 Boca Semiconductor Corporation
BD375Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD376Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD433Medium Power Linear and Switching Applications 1 2 3 4 5 Fairchild Semiconductor
BD434Medium Power Linear and Switching Applications 1 2 3 4 5 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl