Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3500SBLRP Datasheet(PDF) 3 Page - Littelfuse

Part # P3500SBLRP
Description  Low voltage overshoot, Low on-state voltage, Low capacitance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3500SBLRP Datasheet(HTML) 3 Page - Littelfuse

  P3500SBLRP Datasheet HTML 1Page - Littelfuse P3500SBLRP Datasheet HTML 2Page - Littelfuse P3500SBLRP Datasheet HTML 3Page - Littelfuse P3500SBLRP Datasheet HTML 4Page - Littelfuse P3500SBLRP Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SIDACtor® ProtectionThyristors
Revised: February 4, 2013
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
SIDACtor® Series, DO-214
25°C
CaseTemperature (T
C) - ºC
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100 120 140 160
Normalized V
S Change vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS
50
100
0
tr
td
0
Peak
Value
Half Value
t – Time (μs)
tr = rise time to peak value
td = decay time to half value
Waveform = tr x td
V-I Characteristics
t
r x td Pulse Waveform
Package
Symbol
Parameter
Value
Unit
DO-214AA
T
J
Operating Junction Temperature Range
-40 to +150
°C
T
S
Storage Temperature Range
-65 to +150
°C
R
0JA
Thermal Resistance: Junction to Ambient
90
°C/W
Thermal Considerations
-8
-40 -20
0
20
40 60
80 100 120 140 160
-6
-4
0
2
4
6
8
10
12
14
Junction Temperature (T
J) – °C
25 °C


Similar Part No. - P3500SBLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3500SBLRP LITTELFUSE-P3500SBLRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
logo
HuaXinAn Electronics CO...
P3500SBLRP HUAXINAN-P3500SBLRP Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
logo
Littelfuse
P3500SBLRP LITTELFUSE-P3500SBLRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
P3500SBLRP LITTELFUSE-P3500SBLRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
P3500SBLRP LITTELFUSE-P3500SBLRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
More results

Similar Description - P3500SBLRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A0709SCLRP LITTELFUSE-A0709SCLRP Datasheet
2Mb / 4P
   Low voltage overshoot
A0710SCLRP LITTELFUSE-A0710SCLRP Datasheet
2Mb / 4P
   Low on-state voltage
P1553AALRP LITTELFUSE-P1553AALRP Datasheet
154Kb / 5P
   Low voltage overshoot Balanced overvoltage protection
logo
Texas Instruments
TS12A4514 TI-TS12A4514 Datasheet
269Kb / 15P
[Old version datasheet]   LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
logo
MERITEK ELECTRONICS COR...
MB6A MERITEK-MB6A Datasheet
355Kb / 5P
   Low Capacitance, Super Low Clamping Voltage Transient Voltage Suppressors
MB6C MERITEK-MB6C Datasheet
633Kb / 5P
   Low Capacitance, Super Low Clamping Voltage Transient Voltage Suppressors
logo
Toshiba Semiconductor
TC7SBL66CFU TOSHIBA-TC7SBL66CFU Datasheet
185Kb / 9P
   Low Voltage / Low Capacitance Single Bus Switch
TC7WBL3306CFK TOSHIBA-TC7WBL3306CFK Datasheet
205Kb / 10P
   Low Voltage / Low Capacitance Dual Bus Switch
TC7MBL6125SFT TOSHIBA-TC7MBL6125SFT Datasheet
251Kb / 11P
   Quad Low Voltage/Low Capacitance Bus Switch
TC7MBL3245SFT TOSHIBA-TC7MBL3245SFT Datasheet
252Kb / 10P
   Low Voltage/Low Capacitance Octal Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com