Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPN1040T-330K Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPN1040T-330K
Description  Shape & Dimensions / Recommended Solder Land Pattern
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPN1040T-330K Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPN1040T-330K Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LPN1040 Series
SMD Nonshielded type
▼Shape & Dimensions / Recommended Solder Land Pattern
(Dimensions in mm)
4.0±0.15
9.0±0.15
▼Electrical Characteristics
10.0
Rated DC
Code
L
(uH)
Tol.
(%)
F
(KHz)
Rdc
(Max.)
Ordering
Inductance
Freq.
DC Resistance(Ω)
current(A)
LPN1040T-100K
10
±10
100
0.053
2.38
LPN1040T-150K
15
0.070
LPN1040T-330K
33
0.120
1.26
1.87
LPN1040T-220K
22
0.088
1.60
LPN1040T-680K
68
0.223
0.91
LPN1040T-470K
47
0.170
1.10
LPN1040T-151K
150
0.544
0.61
LPN1040T-101K
100
0.344
0.74
LPN1040T-331K
330
1.100
0.42
LPN1040T-221K
220
0.721
0.53
. Idc(The saturation current) : △L≤ 10% typical at rated current
Rated DC current : Idc
LPN1040T-471K
470
1.526
0.35
Test Equipments
. L : Agilent E4980A Precision LCR Meter
. Rdc : HIOKI 3540 mΩ HiTESTER
. Idc : Agilent 4284A LCR Meter + Agilent 42841A Bias Current Source
Test Condition
. L(Frequency , Voltage) : F=100 (KHz) , V=0.5 (V)
Operating Temperature Range
-20 ~ +85℃ (Including self-generated heat)
http://www.abco.co.kr


Similar Part No. - LPN1040T-330K

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPN1040T-330K ABCO-LPN1040T-330K Datasheet
485Kb / 1P
   SMD NONSHIELDED TYPE
More results

Similar Description - LPN1040T-330K

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF2015-C ABCO-LPF2015-C Datasheet
105Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF1040 ABCO-LPF1040 Datasheet
104Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPL0411 ABCO-LPL0411_12 Datasheet
101Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF6027 ABCO-LPF6027 Datasheet
115Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPS181214 ABCO-LPS181214 Datasheet
110Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF7032 ABCO-LPF7032_12 Datasheet
103Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPC5020 ABCO-LPC5020 Datasheet
106Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF7045 ABCO-LPF7045 Datasheet
103Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com