Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2325GEN-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP2325GEN-HF
Description  Simple Drive Requirement, Small Package Outline
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2325GEN-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP2325GEN-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2325GEN-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2325GEN-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2325GEN-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP2325GEN-HF
65mΩ
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
2.01E+08
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
0
0.4
0.8
1.2
1.6
2
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D = -3A
V GS = -4.5V
0
2
4
6
8
10
12
01
23
45
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
-5.0V
-4.5V
-3.5V
-2.5V
V G = -2.0V
0
2
4
6
8
10
12
012
345
-V DS , Drain-to-Source Voltage (V)
-5.0V
-4.5V
-3.5V
-2.5V
V G = -2.0V
T A = 150
o C
0
1
2
3
4
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0
0.4
0.8
1.2
1.6
2
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D = -250uA
50
70
90
110
130
150
12
34
56
-V GS , Gate-to-Source Voltage (V)
I D = -2A
T A =25
o C


Similar Part No. - AP2325GEN-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2325GEN-HF A-POWER-AP2325GEN-HF_14 Datasheet
65Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP2325GEN-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2317GN-HF A-POWER-AP2317GN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2309AGN-HF A-POWER-AP2309AGN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2309GN-HF A-POWER-AP2309GN-HF Datasheet
113Kb / 5P
   Simple Drive Requirement, Small Package Outline
AP9451GG A-POWER-AP9451GG Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2305GN-HF A-POWER-AP2305GN-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2307GN-HF A-POWER-AP2307GN-HF Datasheet
62Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2316GN-HF A-POWER-AP2316GN-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2304GN-HF A-POWER-AP2304GN-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Small package outline
AP9451GG-HF A-POWER-AP9451GG-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2N7002K-HF A-POWER-AP2N7002K-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2326GN-HF A-POWER-AP2326GN-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Small Package Outline
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com