Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2308GEN-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP2308GEN-HF
Description  Capable of 2.5V Gate Drive, Lower Gate Charge
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2308GEN-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP2308GEN-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2308GEN-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2308GEN-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2308GEN-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP2308GEN-HF
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
300
400
500
600
700
2345
V GS , Gate-to-Source Voltage (V)
I D =0.5A
T A =25
o C
0.6
0.8
1.0
1.2
1.4
1.6
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =1.2A
V G =4.5V
0.0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1
1.2
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
150
T j , Junction Temperature (
o C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.0
1.0
2.0
3.0
V DS , Drain-to-Source Voltage (V)
T A =25
o C
5.0V
4.5V
3.5V
2.5V
V G = 1 .5V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
1.0
2.0
3.0
V DS , Drain-to-Source Voltage (V)
T A = 150
o C
5.0V
4.5V
3.5V
2.5V
V G = 1 .5V


Similar Part No. - AP2308GEN-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2308GEN-HF A-POWER-AP2308GEN-HF_14 Datasheet
64Kb / 4P
   Fast Switching Performance
More results

Similar Description - AP2308GEN-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4434GH-HF A-POWER-AP4434GH-HF Datasheet
81Kb / 4P
   Lower Gate Charge, Capable of 2.5V Gate Drive
AP9452GG A-POWER-AP9452GG_08 Datasheet
130Kb / 5P
   Lower gate charge, Capable of 2.5V gate drive
AP9452GG-HF A-POWER-AP9452GG-HF Datasheet
96Kb / 5P
   Lower gate charge, Capable of 2.5V gate drive
AP2324GN-HF A-POWER-AP2324GN-HF Datasheet
99Kb / 4P
   Capable of 2.5V gate drive, Lower Gate Charge
AP9T16AGH-HF A-POWER-AP9T16AGH-HF Datasheet
71Kb / 4P
   Lower Gate Charge, Capable of 2.5V Gate Drive
AP2302AGN-HF A-POWER-AP2302AGN-HF Datasheet
99Kb / 4P
   Capable of 2.5V gate drive, Lower Gate Charge
AP2344GN-HF A-POWER-AP2344GN-HF Datasheet
55Kb / 4P
   Capable of 1.8V Gate Drive, Lower Gate Charge
AP2535GEY-HF A-POWER-AP2535GEY-HF Datasheet
128Kb / 7P
   Capable of 1.8V Gate Drive, Lower Gate Charge
AP2344GEN-HF A-POWER-AP2344GEN-HF Datasheet
58Kb / 4P
   Capable of 1.8V Gate Drive, Lower Gate Charge
AP2346GN-HF A-POWER-AP2346GN-HF Datasheet
55Kb / 4P
   Capable of 1.8V Gate Drive, Lower Gate Charge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com