Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

305-0811-2 Datasheet(PDF) 6 Page - Emerson Network Power

Part # 305-0811-2
Description  Military, Space and Testing Equipment
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

305-0811-2 Datasheet(HTML) 6 Page - Emerson Network Power

Back Button 305-0811-2 Datasheet HTML 2Page - Emerson Network Power 305-0811-2 Datasheet HTML 3Page - Emerson Network Power 305-0811-2 Datasheet HTML 4Page - Emerson Network Power 305-0811-2 Datasheet HTML 5Page - Emerson Network Power 305-0811-2 Datasheet HTML 6Page - Emerson Network Power 305-0811-2 Datasheet HTML 7Page - Emerson Network Power 305-0811-2 Datasheet HTML 8Page - Emerson Network Power 305-0811-2 Datasheet HTML 9Page - Emerson Network Power 305-0811-2 Datasheet HTML 10Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
4
Signals require protection from extraneous noise through non-
signal carrying shielding. These interfacing connectors must
provide contact surfaces isolated from each other, as well as from
the outer shield. Trompeter twinaxial/triaxial connectors are
designed with two (2) concentric contacts that are isolated from
each other and the shielding connection.
Features
• All metallic parts are machined/formed to extremely close
tolerances
• All bodies are made of top quality brass with bright nickel-
plated non-tarnish finish
• Fully enclosed, heat-treated, beryllium-copper outer
conductor spring (not half hard slotted brass)
• Heat-treated, beryllium-copper center socket contact with 50
millionths inch gold plating
These concentric twinax/triax connectors are ideal for applications
where weight is not a primary concern. They are commonly used
in digital data bus, video pair, MIL-STD-1553B (airborne/ground,
primary/redundant), base-band circuit and any application for
“noise-free guarded” circuits.
Features
• Same size as BNC/TNC connectors. Large body versions are
available to accommodate larger cables
• Field serviceable, wrench crimp versions for cables with up to
.475” outer diameters
• Tool crimp versions for quick termination of cables with up to
.250” outer diameters
• 3-lug, 4-lug, and threaded versions provide different levels of
mechanical stability and keying
• Does not require mechanical alignment for mating.
• QPL to MIL-C-49142 (see list on page 5)
• Meets MIL-C-49142, 48-hour salt spray requirement
• Special plating available to satisfy MIL-STD-1344, 500-hour
• salt spray requirement
• Push-on versions for test cable applications
• Fewer pieces to assemble
• Hermetically sealed versions are available (page 16)
70 Series
Miniature 2, 3, 4–lug, and Push-on (TRB)
370 Series
Miniature Threaded (TRT)
(70 Series shown below)
Built to Last
Premium Quality
Superior Mechanical Performance
Rugged Physical Properties
Extreme Reliability
Twinax/Triax Connectors


Similar Part No. - 305-0811-2

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
305-080-500-201 EDAC-305-080-500-201 Datasheet
255Kb / 3P
   305 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
305-080-500-201 EDAC-305-080-500-201 Datasheet
133Kb / 2P
   305 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
305-080-500-202 EDAC-305-080-500-202 Datasheet
255Kb / 3P
   305 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
305-080-500-202 EDAC-305-080-500-202 Datasheet
133Kb / 2P
   305 Series,Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
305-080-500-203 EDAC-305-080-500-203 Datasheet
255Kb / 3P
   305 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.470" (11.94mm) Insulator Height
More results

Similar Description - 305-0811-2

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
D55342E07B3B74R TTELEC-D55342E07B3B74R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B4B22R TTELEC-M55342E06B4B22R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B10A0R TTELEC-M55342E06B10A0R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
D55342E07B2B49R TTELEC-D55342E07B2B49R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B20B0R TTELEC-M55342E06B20B0R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B4B70R TTELEC-M55342E06B4B70R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
logo
Skyworks Solutions Inc.
SKYH22002 SKYWORKS-SKYH22002 Datasheet
121Kb / 2P
   Hermetically Sealed Cascadable Amplifier for High-Reliability Space and Military Applications
logo
Intersil Corporation
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Skyworks Solutions Inc.
SKYH22001 SKYWORKS-SKYH22001 Datasheet
142Kb / 2P
   Hermetically Sealed Broadband Low-Noise Amplifier for High-Reliability Space and Military Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com