Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP98T03GPS Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP98T03GPS
Description  Simple Drive Requirement, Ultra-low On-resistance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP98T03GPS Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP98T03GPS Datasheet HTML 1Page - Advanced Power Electronics Corp. AP98T03GPS Datasheet HTML 2Page - Advanced Power Electronics Corp. AP98T03GPS Datasheet HTML 3Page - Advanced Power Electronics Corp. AP98T03GPS Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4
AP98T03GP/S
0
2
4
6
8
10
12
0
20
40
60
80
100
120
140
160
Q G , Total Gate Charge (nC)
V DS =15 V
V DS =18 V
V DS =24 V
I D =30 A
td(on) tr
td(off) tf
VDS
VGS
10%
90%
Q
VG
4.5V
QGS
QGD
QG
Charge
0
2000
4000
6000
8000
1
5
9
1317
2125
29
V DS ,Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
1
10
100
1000
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T C =25
o C
Single Pulse
100us
1ms
10ms
100ms
DC


Similar Part No. - AP98T03GPS

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP98T03GPS-HF A-POWER-AP98T03GPS-HF Datasheet
93Kb / 4P
   Simple Drive Requirement, Ultra-low On-resistance
AP98T03GPS-HF A-POWER-AP98T03GPS-HF_14 Datasheet
93Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP98T03GPS

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP98T03GW-HF A-POWER-AP98T03GW-HF Datasheet
63Kb / 4P
   Simple Drive Requirement, Ultra-low On-resistance
AP98T03GPS-HF A-POWER-AP98T03GPS-HF Datasheet
93Kb / 4P
   Simple Drive Requirement, Ultra-low On-resistance
AP99T03GP-HF A-POWER-AP99T03GP-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Ultra-low On-resistance
AP4880BGM-HF A-POWER-AP4880BGM-HF Datasheet
66Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP0403GM-HF A-POWER-AP0403GM-HF Datasheet
91Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP72T03GP-HF A-POWER-AP72T03GP-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Low On-resistance
AP83T02GH-HF A-POWER-AP83T02GH-HF Datasheet
103Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP4575GM-HF A-POWER-AP4575GM-HF Datasheet
79Kb / 7P
   Simple Drive Requirement, Low On-resistance
AP9470GM-HF A-POWER-AP9470GM-HF Datasheet
99Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP9560GH-HF A-POWER-AP9560GH-HF Datasheet
98Kb / 4P
   Low On-resistance, Simple Drive Requirement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com