Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BJ79-47 Datasheet(PDF) 10 Page - Emerson Network Power

Part # BJ79-47
Description  Military, Space and Testing Equipment
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

BJ79-47 Datasheet(HTML) 10 Page - Emerson Network Power

Back Button BJ79-47 Datasheet HTML 6Page - Emerson Network Power BJ79-47 Datasheet HTML 7Page - Emerson Network Power BJ79-47 Datasheet HTML 8Page - Emerson Network Power BJ79-47 Datasheet HTML 9Page - Emerson Network Power BJ79-47 Datasheet HTML 10Page - Emerson Network Power BJ79-47 Datasheet HTML 11Page - Emerson Network Power BJ79-47 Datasheet HTML 12Page - Emerson Network Power BJ79-47 Datasheet HTML 13Page - Emerson Network Power BJ79-47 Datasheet HTML 14Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
8
Add “A” for tall versions example: CBBJR74A
“D” mounting holes see page 54.
1.000
.425
.013
.156
.100
.500 DIA
.150
TYP
.0625 DIA
2 PLACES
.300
.0700 DIA
4 PLACES
.100
.300
1.216
1.042
.718
.050
.380
DIA
.500-28UNEF-2A
.562 HEX NUT
.124
.100
.030 TYP
A
.13 TYP
.258 TYP
D TYP
C TYP
.258
TYP
E DIA TYP
.258
.050
.100
.0625 DIA
B
MODEL
LTR
A
B
C
D
E
NO.
CODE DIM DIM DIM DIM DIM
CBBJR79
-
.24 .565 .050 .090 .0625
CBBJR79A
A
.34 .665 .058 .090 .070
FOR MODEL
# 305-0789
DIA = .0410
*
.400
TYP
.0935 DIA
4 PLACES
.200
.100
.200
.0625 DIA, 2 PLACES
1.388
.557
.425
.156
TYP
.013
.100
.128
.562 HEX NUT
.380
DIA
.109 MAXIMUM PANEL THICKNESS
1.324
1.153
.785
.090
.380
DIA
.625-24UNEF-2A
.750 HEX NUT
.124
.100
.030 TYP
A
.13 TYP
.258 TYP
.090 TYP
C TYP
.258
TYP
D DIA TYP
.258
.050
.100
.0625 DIA
B
MODEL
LTR
A
B
C
D
NO.
CODE DIM
DIM
DIM
DIM
CBBJR74
-
.345
.778
.050
.0625
CBBJR74A
A
.445
.878
.058
.070
MAX PANEL THICKNESS .140
.750
HEX
NUT
1.388
.200
.0625 DIA, 2 PLACES
.200
.100
.400
TYP
.0935 DIA
4 PLACES
.380
DIA
.625-24UNEF-2A
.090
.557
.156
.013
.100
.425
1.216
1.042
.380
TYP
A
.030 TYP
.13 TYP
B TYP
.100
C TYP
.258
TYP
.0625 DIA
D DIA TYP
.050
.100
.258
.258
MODEL
LTR
A
B
C
D
NO.
CODE DIM
DIM
DIM
DIM
CBJR70
-
.24
.050
.090
.0625
CBJR70A
A
.34
.058
.090
.070
CBBJR79 Shown
Mounting Hole: D3.125
CBBJR74 Shown
Mounting Hole: D2.140
Twinax/Triax Connectors / Miniature Circuit Board Jacks
70/370 Series
Twinax/Triax TRB Concentric
Circuit Board Jack
3–Lug.............................................. CBJ70
2–Lug.............................................. CBJ70TL
4–Lug.............................................. CBJ70FL
(TRT) Threaded................................ CBJ370
CBJ70 Shown
Twinax/Triax TRB Non-Insulated Bulkhead Jack
Concentric Female 3-Lug Bulkhead Mount
3–Lug.......................................... CBBJ79
2–Lug.......................................... CBBJ79TL
4–Lug.......................................... CBBJ79FL
Threaded..................................... CBBJ379
CBBJ79 Shown
Mounting Hole: D3.109
Twinax/Triax TRB Right Angle Concentric
Circuit Board Jack
3–Lug.............................................. CBJR70, CBJR70A
Twinax/Triax TRB Insulated Bulkhead Jack
Concentric Female 3-Lug, Bulkhead Mount
3–Lug.............................................. CBBJ74
Mounting Hole: D2.109
Right Angle Circuit Board Bulkhead Jack
Standard Version
3–Lug.............................................. CBBJR79
2–Lug.............................................. CBBJR79TL
4–Lug.............................................. CBBJR79FL
Threaded......................................... CBBJR379
Right Angle Insulated Circuit Board Bulkhead Jack
Insulated Version
3–Lug.............................................. CBBJR74
2–Lug.............................................. CBBJR74TL
4–Lug.............................................. CBBJR74FL
Threaded......................................... CBBJR374


Similar Part No. - BJ79-47

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BJ71 ETC-BJ71 Datasheet
289Kb / 1P
   RED INDICATES ORIGINAL
REV.K
BJ73 ETC-BJ73 Datasheet
274Kb / 1P
   REVISED PER ECO 14834
REV. G
More results

Similar Description - BJ79-47

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
D55342E07B3B74R TTELEC-D55342E07B3B74R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B4B22R TTELEC-M55342E06B4B22R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B10A0R TTELEC-M55342E06B10A0R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
D55342E07B2B49R TTELEC-D55342E07B2B49R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B20B0R TTELEC-M55342E06B20B0R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B4B70R TTELEC-M55342E06B4B70R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
logo
Skyworks Solutions Inc.
SKYH22002 SKYWORKS-SKYH22002 Datasheet
121Kb / 2P
   Hermetically Sealed Cascadable Amplifier for High-Reliability Space and Military Applications
logo
Intersil Corporation
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Skyworks Solutions Inc.
SKYH22001 SKYWORKS-SKYH22001 Datasheet
142Kb / 2P
   Hermetically Sealed Broadband Low-Noise Amplifier for High-Reliability Space and Military Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com