Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP90T03P Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP90T03P
Description  Lower On- resistance, Simple Drive Requirement
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP90T03P Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP90T03P Datasheet HTML 1Page - Advanced Power Electronics Corp. AP90T03P Datasheet HTML 2Page - Advanced Power Electronics Corp. AP90T03P Datasheet HTML 3Page - Advanced Power Electronics Corp. AP90T03P Datasheet HTML 4Page - Advanced Power Electronics Corp. AP90T03P Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Lower On- resistance
BVDSS
30V
▼ Simple Drive Requirement
RDS(ON)
4mΩ
▼ Fast Switching Characteristic
ID
75A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@Tc=25℃
A
ID@Tc=100℃
A
IDM
A
PD@Tc=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
1.3
℃/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
62
℃/W
Data and specifications subject to change without notice
Thermal Data
Parameter
Storage Temperature Range
Total Power Dissipation
96
-55 to 150
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
0.7
Continuous Drain Current, VGS@10V
63
Pulsed Drain Current
1
350
Gate-Source Voltage
±20
Continuous Drain Current, VGS@10V
3
75
Parameter
Rating
Drain-Source Voltage
30
200802183
1
AP90T03P
RoHS-compliant Product
G
D
S
Advanced Power MOSFETs from APEC provide the designer with
the best combination of fast switching, ruggedized device design,
low on-resistance and cost-effectiveness.
The TO-220 package is widely preferred for commercial-industrial
power applications and suited for low voltage applications such as
DC/DC converters.
G
D
S
TO-220(P)


Similar Part No. - AP90T03P

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP90T03P-HF A-POWER-AP90T03P-HF_14 Datasheet
133Kb / 4P
   Simple Drive Requirement
AP90T03P-HF A-POWER-AP90T03P-HF_16 Datasheet
59Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP90T03P

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2R803GM-HF A-POWER-AP2R803GM-HF Datasheet
118Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP9561GJ-HF A-POWER-AP9561GJ-HF Datasheet
102Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP4435GJ-HF A-POWER-AP4435GJ-HF Datasheet
106Kb / 4P
   Simple Drive Requirement, Lower On-resistance
AP4437GM-HF A-POWER-AP4437GM-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Lower On-resistance
AP83T03GM-HF A-POWER-AP83T03GM-HF Datasheet
119Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP90T03GH A-POWER-AP90T03GH Datasheet
212Kb / 6P
   Lower On- resistance, Simple Drive Requirement
AP4407GS A-POWER-AP4407GS Datasheet
223Kb / 6P
   Lower On-resistance, Simple Drive Requirement
AP55T06GS-HF A-POWER-AP55T06GS-HF Datasheet
118Kb / 4P
   Simple Drive Requirement, Lower On-resistance
AP6679GS,P-A A-POWER-AP6679GS,P-A Datasheet
68Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP95T06AGP A-POWER-AP95T06AGP Datasheet
155Kb / 5P
   Simple Drive Requirement, Lower On-resistance
AP40P03GI-HF A-POWER-AP40P03GI-HF Datasheet
107Kb / 4P
   Lower On-resistance, Simple Drive Requirement
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com