Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP90T03GS Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP90T03GS
Description  Lower On- resistance, Simple Drive Requirement
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP90T03GS Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP90T03GS Datasheet HTML 1Page - Advanced Power Electronics Corp. AP90T03GS Datasheet HTML 2Page - Advanced Power Electronics Corp. AP90T03GS Datasheet HTML 3Page - Advanced Power Electronics Corp. AP90T03GS Datasheet HTML 4Page - Advanced Power Electronics Corp. AP90T03GS Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=1mA
30
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=45A
-
-
4
VGS=4.5V, ID=30A
-
-
6
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
0.8
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=30A
-
55
-
S
IDSS
Drain-Source Leakage Current
VDS=30V, VGS=0V
-
-
1
uA
Drain-Source Leakage Current (Tj=150
oC)
VDS=24V ,VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS= ±20V
-
-
±100
nA
Qg
Total Gate Charge
2
ID=40A
-
60
96
nC
Qgs
Gate-Source Charge
VDS=24V
-
8.5
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
38
-
nC
td(on)
Turn-on Delay Time
2
VDS=15V
-
14
-
ns
tr
Rise Time
ID=30A
-
83
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=10V
-
66
-
ns
tf
Fall Time
RD=0.5Ω
-
120
-
ns
Ciss
Input Capacitance
VGS=0V
-
4090
6540
pF
Coss
Output Capacitance
VDS=25V
-
1010
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
890
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=45A, VGS=0V
-
-
1.3
V
trr
Reverse Recovery Time
2
IS=30A, VGS=0V,
-
51
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
63
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
3.Package limitation current is 75A, calculated continuous current
based on maximum allowable junction temperature is 125A.
THIS PRODUCT IS AN ELECTROSTATIC SENSITIVE, PLEASE HANDLE WITH CAUTION.
DEVICE OR SYSTEM ARE NOT AUTHORIZED.
2
THIS PRODUCT HAS BEEN QUALIFIED FOR CONSUMER MARKET. APPLICATIONS OR USES AS CRITERIAL COMPONENT IN LIFE SUPPORT
AP90T03GS


Similar Part No. - AP90T03GS

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP90T03GS-HF A-POWER-AP90T03GS-HF Datasheet
92Kb / 4P
   Lower On- resistance, Simple Drive Requirement
AP90T03GS-HF A-POWER-AP90T03GS-HF_14 Datasheet
92Kb / 4P
   Simple Drive Requirement
AP90T03GS-HF A-POWER-AP90T03GS-HF_16 Datasheet
99Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP90T03GS

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2R803GM-HF A-POWER-AP2R803GM-HF Datasheet
118Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP9561GJ-HF A-POWER-AP9561GJ-HF Datasheet
102Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP4435GJ-HF A-POWER-AP4435GJ-HF Datasheet
106Kb / 4P
   Simple Drive Requirement, Lower On-resistance
AP4437GM-HF A-POWER-AP4437GM-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Lower On-resistance
AP83T03GM-HF A-POWER-AP83T03GM-HF Datasheet
119Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP90T03GH A-POWER-AP90T03GH Datasheet
212Kb / 6P
   Lower On- resistance, Simple Drive Requirement
AP4407GS A-POWER-AP4407GS Datasheet
223Kb / 6P
   Lower On-resistance, Simple Drive Requirement
AP55T06GS-HF A-POWER-AP55T06GS-HF Datasheet
118Kb / 4P
   Simple Drive Requirement, Lower On-resistance
AP6679GS,P-A A-POWER-AP6679GS,P-A Datasheet
68Kb / 4P
   Lower On-resistance, Simple Drive Requirement
AP95T06AGP A-POWER-AP95T06AGP Datasheet
155Kb / 5P
   Simple Drive Requirement, Lower On-resistance
AP40P03GI-HF A-POWER-AP40P03GI-HF Datasheet
107Kb / 4P
   Lower On-resistance, Simple Drive Requirement
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com