Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPF1280T-471M Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF1280T-471M
Description  Shape & Dimensions / Recommended Solder Land Pattern
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF1280T-471M Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF1280T-471M Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
. Idc1 : Agilent 4284A LCR Meter + Agilent 42841A Bias Current Source
Operating Temperature Range
-20 ~ +85℃ (Including self-generated heat)
. Idc2 : Yokogawa DR130 Hybrid Recorder + Agilent 6692A DC Power Supply
Test Condition
. L(Frequency , Voltage) : F=100 (KHz) , V=0.5 (V)
. Idc1(The saturation current) : △L≤ 20% reduction from initial L value
. Idc2(The temperature rise): △T= 40℃ typical at rated DC current
Rated DC current(Idc) : The value of Idc1 or Idc2 , whichever is smaller
0.57
Test Equipments
Packing style
. L : Agilent E4980A Precision LCR Meter
T : Taping
B : Bulk
. Rdc : HIOKI 3540 mΩ HiTESTER
LPF1280T-222M
2200
2.690
0.55
0.77
LPF1280T-152M
1500
1.950
0.65
0.65
LPF1280T-102M
1000
1.450
0.70
1.40
LPF1280T-681M
680
0.900
0.90
1.31
LPF1280T-471M
470
0.690
1.00
1.70
LPF1280T-331M
330
0.450
1.20
1.65
LPF1280T-271M
270
0.400
1.35
2.30
LPF1280T-221M
220
0.320
1.45
1.97
LPF1280T-151M
150
0.200
1.80
3.20
LPF1280T-101M
100
0.140
2.10
2.62
LPF1280T-680M
68
0.110
2.60
3.50
LPF1280T-530M
53
0.090
2.90
3.30
LPF1280T-470M
47
0.087
3.25
5.79
LPF1280T-330M
33
0.054
3.90
5.31
LPF1280T-220M
22
0.036
4.70
0.022
6.70
6.87
LPF1280T-150M
15
0.026
5.65
6.50
0.019
8.60
7.56
LPF1280T-8R2M
8.2
0.020
8.00
7.02
0.014
9.30
9.69
LPF1280T-4R7M
4.7
0.015
9.10
8.69
0.007
12.00
13.03
LPF1280T-2R4M
2.4
0.013
10.00
10.38
LPF1280T-1R0M
1.0
±20
100
LPF1280T-3R5M
3.5
LPF1280T-5R8M
5.8
LPF1280T-100M
10
Rated DC current(A)
Code
L
(uH)
Tol.
(%)
F
(KHz)
Rdc
(Max.)
Idc1
(Max.)
Idc2
(Typ.)
Ordering
Inductance
Freq.
DC Resistance(Ω)
▼Electrical Characteristics
LPF1280 Series
SMD Shielded type
▼Shape & Dimensions / Recommended Solder Land Pattern
(Dimensions in mm)
http://www.abco.co.kr
330
220
12.0±0.3
8.0Max.
1.8±0.2 7.9±0.2
12.8
2.9
7.0


Similar Part No. - LPF1280T-471M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF1280T-471M ABCO-LPF1280T-471M Datasheet
450Kb / 1P
   SMD SHIELDED TYPE
More results

Similar Description - LPF1280T-471M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF2015-C ABCO-LPF2015-C Datasheet
105Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF1040 ABCO-LPF1040 Datasheet
104Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPL0411 ABCO-LPL0411_12 Datasheet
101Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPN1040 ABCO-LPN1040_12 Datasheet
100Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF6027 ABCO-LPF6027 Datasheet
115Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPS181214 ABCO-LPS181214 Datasheet
110Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF7032 ABCO-LPF7032_12 Datasheet
103Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPC5020 ABCO-LPC5020 Datasheet
106Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
LPF7045 ABCO-LPF7045 Datasheet
103Kb / 1P
   Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com