Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC808-25 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # BC808-25
Description  Switching and Amplifier Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC808-25 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  BC808-25 Datasheet HTML 1Page - Fairchild Semiconductor BC808-25 Datasheet HTML 2Page - Fairchild Semiconductor BC808-25 Datasheet HTML 3Page - Fairchild Semiconductor BC808-25 Datasheet HTML 4Page - Fairchild Semiconductor BC808-25 Datasheet HTML 5Page - Fairchild Semiconductor BC808-25 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, August 2002
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. Static Characteristic
Figure 3. DC current Gain
Figure 4. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 5. Base-Emitter On Voltage
Figure 6. Input Output Capacitance
-0
-1
-2
-3
-4
-5
-0
-100
-200
-300
-400
-500
P
T
= 600m
W
IB =
- 3.
0m
A
IB =
- 2.
0m
A
IB =
- 3.
5m
A
IB = - 1.0mA
IB = -
1.5m
A
IB = - 0.5mA
IB =
- 4.
0m
A
IB =
- 2.
5m
A
IB =
- 4.
5m
A
IB =
- 5.
0m
A
IB = 0
VCE[V], COLLECTOR-EMITTER VOLTAGE
-0
-10
-20
-30
-40
-50
-0
-4
-8
-12
-16
-20
P
T = 60
0m
W
I
B
= -
80µ
A
I
B
= -
70µ
A
I
B
= -
60µ
A
I
B
= -
50µ
A
I
B
= -
40µ
A
I
B
= - 3
0µA
I
B
= - 20µ
A
I
B
= - 10µA
I
B = 0
V
CE[V], COLLECTOR-EMITTER VOLTAGE
-0.1
-1
-10
-100
-1000
1
10
100
1000
PULSE
- 1.0V
VCE = - 2.0V
IC[mA], COLLECTOR CURRENT
-0.1
-1
-10
-100
-1000
-0.01
-0.1
-1
-10
IC = 10 IB
PULSE
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-0.1
-1
-10
-100
-1000
VCE = -1V
PULSE
VBE[V], BASE-EMITTER VOLTAGE
-0.1
-1
-10
-100
1
10
100
Cib
f = 1.0MHz
Cob
VCB[V], COLLECTOR-BASE VOLTAGE
VEB[V], EMITTER-BASE VOLTAGE


Similar Part No. - BC808-25

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC808-25 SIEMENS-BC808-25 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
logo
Micro Commercial Compon...
BC808-25 MCC-BC808-25 Datasheet
317Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Infineon Technologies A...
BC808-25 INFINEON-BC808-25 Datasheet
47Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
logo
Shenzhen Luguang Electr...
BC808-25 LUGUANG-BC808-25 Datasheet
1Mb / 2P
   PNP General Purpose Amplifier
logo
Diotec Semiconductor
BC808-25 DIOTEC-BC808-25 Datasheet
175Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC808-25

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC636 FAIRCHILD-BC636_09 Datasheet
111Kb / 5P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC337 UTC-BC337_11 Datasheet
148Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33716 FAIRCHILD-BC33716 Datasheet
33Kb / 3P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC546 UTC-BC546 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
MPS651 FAIRCHILD-MPS651 Datasheet
57Kb / 3P
   Switching and Amplifier Applications
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Unisonic Technologies
UTCBC337 UTC-UTCBC337 Datasheet
47Kb / 2P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC327 UTC-BC327 Datasheet
86Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33740TA FAIRCHILD-BC33740TA Datasheet
33Kb / 3P
   Switching and Amplifier Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com