Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP70L02GH Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP70L02GH
Description  Low Gate Charge, Simple Drive Requirement
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP70L02GH Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP70L02GH Datasheet HTML 1Page - Advanced Power Electronics Corp. AP70L02GH Datasheet HTML 2Page - Advanced Power Electronics Corp. AP70L02GH Datasheet HTML 3Page - Advanced Power Electronics Corp. AP70L02GH Datasheet HTML 4Page - Advanced Power Electronics Corp. AP70L02GH Datasheet HTML 5Page - Advanced Power Electronics Corp. AP70L02GH Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AP70L02GH/J
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristic of
Fig 12. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
0
1
2
3
-50
0
50
100
150
T j , Junction Temperature(
o C)
0.1
1
10
100
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
V SD (V)
T j =25
o C
T j =150
o C
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
40
45
50
Q G , Total Gate Charge (nC)
I D =33A
V DS =20V
100
1000
10000
1
6
11
16
21
V DS (V)
f=1.0MHz
Ciss
Coss
Crss


Similar Part No. - AP70L02GH

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP70L02GJ A-POWER-AP70L02GJ Datasheet
84Kb / 6P
   Low Gate Charge, Simple Drive Requirement
AP70L02GP A-POWER-AP70L02GP Datasheet
190Kb / 8P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP70L02GS A-POWER-AP70L02GS Datasheet
190Kb / 8P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP70L02GH

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP70T03AS A-POWER-AP70T03AS Datasheet
77Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP4951GM A-POWER-AP4951GM Datasheet
188Kb / 5P
   Simple Drive Requirement, Low Gate Charge
AP85T03GS,P-HF A-POWER-AP85T03GS,P-HF Datasheet
105Kb / 4P
   Low Gate Charge, Simple Drive Requirement
AP9435GP A-POWER-AP9435GP Datasheet
99Kb / 4P
   Low Gate Charge, Simple Drive Requirement
AP9435GM A-POWER-AP9435GM Datasheet
185Kb / 5P
   Simple Drive Requirement, Low Gate Charge
AP60T03GH,J A-POWER-AP60T03GH,J Datasheet
104Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP70T03AH A-POWER-AP70T03AH Datasheet
76Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP60T03AS A-POWER-AP60T03AS Datasheet
82Kb / 4P
   Simple Drive Requirement Low Gate Charge
AP60T03GH,J-HF A-POWER-AP60T03GH,J-HF Datasheet
104Kb / 4P
   Simple Drive Requirement, Low Gate Charge
AP60T03GS A-POWER-AP60T03GS Datasheet
206Kb / 6P
   Simple Drive Requirement, Low Gate Charge
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com