Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP9T16GH,J Datasheet(PDF) 6 Page - Advanced Power Electronics Corp.

Part # AP9T16GH,J
Description  Low Gate Charge, Capable of 2.5V gate drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9T16GH,J Datasheet(HTML) 6 Page - Advanced Power Electronics Corp.

  AP9T16GH,J_08 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9T16GH,J_08 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9T16GH,J_08 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9T16GH,J_08 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9T16GH,J_08 Datasheet HTML 5Page - Advanced Power Electronics Corp. AP9T16GH,J_08 Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Package Outline : TO-251
MIN
NOM
MAX
A
2.20
2.30
2.40
A1
0.90
1.20
1.50
B1
0.50
0.69
0.88
B2
0.60
0.87
1.14
c
0.40
0.50
0.60
c1
0.40
0.50
0.60
D
6.40
6.60
6.80
D1
5.20
5.35
5.50
E
6.70
7.00
7.30
E1
5.40
5.80
6.20
e
----
2.30
----
F
5.88
6.84
7.80
1.All Dimensions Are in Millimeters.
2.Dimension Does Not Include Mold Protrusions.
Part Marking Information & Packing : TO-251
SYMBOLS
ADVANCED POWER ELECTRONICS CORP.
Millimeters
9T16GJ
YWWSSS
Part Number
Package Code
A
c1
A1
c
e
D
E1
E
B1
B2
F
D1
e
Date Code (YWWSSS)
Y :Last Digit Of The Year
WW :Week
SSS :Sequence
LOGO
meet Rohs requirement
for low voltage MOSFET only
6


Similar Part No. - AP9T16GH,J_08

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9T16GH A-POWER-AP9T16GH Datasheet
107Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9T16GH-HF A-POWER-AP9T16GH-HF Datasheet
286Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9T16GH-HF A-POWER-AP9T16GH-HF_16 Datasheet
66Kb / 5P
   Fast Switching Characteristic
AP9T16GH A-POWER-AP9T16GH_14 Datasheet
268Kb / 6P
   Low Gate Charge
More results

Similar Description - AP9T16GH,J_08

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9T15GH,J A-POWER-AP9T15GH,J_10 Datasheet
103Kb / 4P
   Low Gate Charge, Capable of 2.5V Gate Drive
AP9T19GJ A-POWER-AP9T19GJ Datasheet
80Kb / 4P
   Low Gate Charge, Capable of 2.5V gate drive
AP9T18GH,J A-POWER-AP9T18GH,J_08 Datasheet
218Kb / 6P
   Low Gate Charge, Capable of 2.5V gate drive
AP9452GG-HF A-POWER-AP9452GG-HF Datasheet
96Kb / 5P
   Lower gate charge, Capable of 2.5V gate drive
AP2324GN-HF A-POWER-AP2324GN-HF Datasheet
99Kb / 4P
   Capable of 2.5V gate drive, Lower Gate Charge
AP9T16AGH-HF A-POWER-AP9T16AGH-HF Datasheet
71Kb / 4P
   Lower Gate Charge, Capable of 2.5V Gate Drive
AP2308GEN-HF A-POWER-AP2308GEN-HF Datasheet
64Kb / 4P
   Capable of 2.5V Gate Drive, Lower Gate Charge
AP4434GH-HF A-POWER-AP4434GH-HF Datasheet
81Kb / 4P
   Lower Gate Charge, Capable of 2.5V Gate Drive
AP9452GG A-POWER-AP9452GG_08 Datasheet
130Kb / 5P
   Lower gate charge, Capable of 2.5V gate drive
AP2302AGN-HF A-POWER-AP2302AGN-HF Datasheet
99Kb / 4P
   Capable of 2.5V gate drive, Lower Gate Charge
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com