Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BC856 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. BC856
Description  Switching and Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 3 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, August 2002
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Collector Output Capacitance
Figure 6. Current Gain Bandwidth Product
-0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
-0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
I
B = - 50µA
I
B
= - 100
µA
I
B = - 150µA
I
B
= - 200
µA
I
B
= - 250
µA
I
B = - 300µA
I
B = - 350µA
I
B = - 400µA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
-0.1
-1
-10
-100
10
100
1000
VCE = - 5V
IC[mA], COLLECTOR CURRENT
-0.1
-1
-10
-100
-0.01
-0.1
-1
-10
IC = 10 IB
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.1
-1
-10
-100
VCE = - 5V
VBE[V], BASE-EMITTER VOLTAGE
-1
-10
-100
1
10
f=1MHz IE=0
VCB[V], COLLECTOR-BASE VOLTAGE
-1
-10
10
100
1000
f=1MHz IE=0
IC[mA], COLLECTOR CURRENT




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SA1954TRANSISTOR GENERAL PURPOSE AMPLIFIER SWITCHING AND MUTING SWITCH APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SA1955TRANSISTOR GENERAL PURPOSE AMPLIFIER SWITCHING AND MUTING SWITCH APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SC3112TRANSISTOR FOR AUDIO AMPLIFIER AND SWITCHING APPLICATIONS 1 2 3 Toshiba Semiconductor
C45C8Medium Power Switching and Amplifier Applications 1 2 3 4 List of Unclassifed Manufacturers
BC63916Switching and Amplifier Applications 1 2 3 Fairchild Semiconductor
BC807Switching and Amplifier Applications 1 2 3 4 5 MoreFairchild Semiconductor
CL055NPN SILICON PLANAR EPITAXIAL COMPLEMENTARY PAIR SPECIALLY DESIGNED FOR 1-WATT AUDIO AMPLIFIER OUTPUT AND SWITCHING APPLICATIONS 1 Micro Electronics
CL155SILICON PLANAR EPITAXIAL COMPLEMENTARY PAIR SPECIALLY DESIGNED FOR 20WATT AUDIO AMPLIFIER OUTPUT AND SWITCHING APPLICATIONS 1 Micro Electronics
BC640Transistors SWITCHING AND AMPLIFIER APPLICATIONS 1 List of Unclassifed Manufacturers
CSD882Audio Frequency Power Amplifier and Low Speed Switching Applications 1 2 3 Continental Device India Limited

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl