Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


K005-047 Datasheet(PDF) 1 Page - Eichhoff Electronics,Inc.

Part No. K005-047
Description  Funkenlosch-Kondensatoren Spark Quenching Capacitors Condensateurs d’ extinction
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EICHHOFF [Eichhoff Electronics,Inc.]
Homepage  http://www.eichhoff.com/
Logo 

   
 1 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Funkenlösch-Kondensatoren – Klasse X2
Spark Quenching Capacitors – Class X2
Condensateurs d’ extinction – Classe X2
Nennkapazität
Nominal value
Capacité nominale
Teile-Nr. / Part number / Référence
0,024 µF
0,047 µF
0,1
µF
Weitere Kapazitäts- und Widerstandswerte auf Anfrage
Other values upon request / D’autres capacités et resistances sur demande
Nennspannung:
Rated voltage:
250 V ~
Tension nominale:
Widerstand:
Resistance:
P 40 = 1 W
Résistance:
Kapazitätsabweichung:
Capacitance tolerance:
± 20%
Tolérances des capacités:
Kondensatorenklasse:
Capacitor class:
X2
Classe de condensateur.
Gehäuse:
Isolierbecher
Encapsulation:
plastic box
Boîtier:
boîtier isolant
Klimakategorie:
25/100/21
Climatic category:
(IEC 60068-1)
Catégorie d’ climatique:
Passive Entlammbarkeit:
C
Letter indicating passive
(DIN EN 60384-14)
flammability category:
Catégorie d’ inflammabilité:
Anschlüsse:
Cu-Draht verzinnt
Ø 0,8 mm
Leads:
Tinned copper wire
Ø 0,8 mm
Connexions:
Fil cuivre étamé
Ø 0,8 mm
47 R
100 R
470 R
22 R
Serienwiderstand
Series resistance
Résistance en serie
Wahlweise:
22 R, 47 R
100 R, 47 R
K005-601/470
K005-701/470
K005-801/470
K005-601/022
K005-701/022
K005-801/022
K005-601/100
K005-701/100
K005-801/100
K005-601/047
K005-701/047
K005-801/047




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl