Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K006-700 Datasheet(PDF) 4 Page - Eichhoff Electronics,Inc.

Part # K006-700
Description  Zweipol-Funk-Entst철rkondensatoren Two-pole Radio Interference Suppression Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EICHHOFF [Eichhoff Electronics,Inc.]
Direct Link  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

K006-700 Datasheet(HTML) 4 Page - Eichhoff Electronics,Inc.

  K006-700_12 Datasheet HTML 1Page - Eichhoff Electronics,Inc. K006-700_12 Datasheet HTML 2Page - Eichhoff Electronics,Inc. K006-700_12 Datasheet HTML 3Page - Eichhoff Electronics,Inc. K006-700_12 Datasheet HTML 4Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
MKT-Funk-Entstörkondensatoren Klasse Y2, 250 V~
MKT-Radio-Interference Suppression Capacitors – Class Y2, AC 250 V
Condensateurs de type MKT– Classe Y2, c.a. 250 V
Kapazität
Capacitance
Capacité
Teile-Nr. / Part number / Référence
1000 pF
1500 pF
2200 pF
3300 pF
4700 pF
6800 pF
10000 pF
15000 pF
22000 pF
27000 pF
Anschlüsse:
Ausf. A
Cu-Draht isoliert H05V- U 0,5 mm2
Anschlußenden abisoliert
Ausf. B
Cu-Draht isoliert AWG 20 TR 32
Anschlußenden abisoliert
Ausf. C
Cu-Litze H05V-K0,5 mm2
Anschlußenden abisoliert
Ausf. D
Cu-Litze AWG 20 TR 32
Anschlußenden abisoliert
Prüfzeichen:
Approvals:
Homologations:
Ausf. / Fig. / ill. A
Ausf. / Fig. / ill. B
Ausf. / Fig. / ill. C
Ausf. / Fig. / ill. D
B
(mm)
H
(mm)
L
(mm)
KMT 255/950 – 210/100
KMT 255/950 – 215/100
KMT 255/950 – 222/100
KMT 255/950 – 233/100
KMT 255/950 – 247/100
KMT 255/950 – 268/100
KMT 255/950 – 310/100
KMT 255/950 – 315/100
KMT 255/950 – 322/100
KMT 255/950 – 327/100
KMT 255/950 – 210/499
KMT 255/950 – 215/499
KMT 255/950 – 222/499
KMT 255/950 – 233/499
KMT 255/950 – 247/499
KMT 255/950 – 268/499
KMT 255/950 – 310/499
KMT 255/950 – 315/499
KMT 255/950 – 322/499
KMT 255/950 – 327/499
KMT 255/950 – 210/500
KMT 255/950 – 225/500
KMT 255/950 – 222/500
KMT 255/950 – 233/500
KMT 255/950 – 247/500
KMT 255/950 – 268/500
KMT 255/950 – 310/500
KMT 255/750 – 315/500
KMT 255/950 – 322/500
KMT 255/950 – 327/500
KMT 255/950 – 210/999
KMT 255/950 – 215/999
KMT 255/950 – 222/999
KMT 255/950 – 233/999
KMT 255/950 – 247/999
KMT 255/950 – 268/999
KMT 255/950 – 310/999
KMT 255/950 – 315/999
KMT 255/950 – 322/999
KMT 255/950 – 327/999
5
5
5
5
6
7,5
8,5
7
7
8,5
11
11
11
11
12
13,5
14,5
15
15
16,5
18
18
18
18
18
18
18
26,5
26,5
26,5
Connections:
Table A
Insulated copper wire
H05V-U 0.5 mm2, ends stripped
Table B
Copper wire with insulation
AWG 20 TR 32
Table C
Insulated sranded leads
H05V-K 0.5 mm2, ends stripped
Table D
Insulated stranded leads
AWG 20 TR 32, ends stripped
Connexions:
Tableau A
File cuivre isolé
H05V- U 0,5 mm2, bouts dénudés
Tableau B
Fil cuivre isolé
AWG 20 TR 32
Tableau C
Fil souple isole
H05V-K 0,5 mm2, bouts dénudés
Tableau D
Fil souple isolé
AWG 20 TR 32, bouts dénudés
EN 60384-14
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀


Similar Part No. - K006-700_12

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
K006-700-500 EICHHOFF-K006-700-500 Datasheet
87Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K006-700-501 EICHHOFF-K006-700-501 Datasheet
87Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K006-700-504 EICHHOFF-K006-700-504 Datasheet
87Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
More results

Similar Description - K006-700_12

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
K008-050 EICHHOFF-K008-050_12 Datasheet
321Kb / 5P
   Zweipol-Funk-Entst철rkondensatoren Two-pole Radio Interference Suppression Capacitors
K007-050 EICHHOFF-K007-050 Datasheet
304Kb / 4P
   Zweipol-Funk-Entst철rkondensatoren Two-pole Radio Interference Suppression Capacitors
K018-000 EICHHOFF-K018-000_12 Datasheet
75Kb / 1P
   Vierpol-Funk-Entst철rkondensatoren Four-pole Radio Interference Suppression
K257 EICHHOFF-K257 Datasheet
83Kb / 2P
   MKT Zweipol-Funk-Entst철rkondensatoren Klasse MKT Two-pole Radio
KMT274 EICHHOFF-KMT274 Datasheet
119Kb / 2P
   MKT-Funk-Entst철rkondensatoren Klasse MKT-Radio-Interference
K016-050 EICHHOFF-K016-050 Datasheet
80Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K002-798 EICHHOFF-K002-798 Datasheet
88Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K006-200 EICHHOFF-K006-200 Datasheet
83Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K006-700 EICHHOFF-K006-700 Datasheet
87Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K015-050 EICHHOFF-K015-050 Datasheet
72Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com