Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K005-470 Datasheet(PDF) 1 Page - Eichhoff Electronics,Inc.

Part # K005-470
Description  Funkenlosch-Kondensatoren Spark Quenching Capacitors Condensateurs d??extinction
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EICHHOFF [Eichhoff Electronics,Inc.]
Direct Link  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

K005-470 Datasheet(HTML) 1 Page - Eichhoff Electronics,Inc.

  K005-470 Datasheet HTML 1Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Funkenlösch-Kondensatoren – Klasse X2
Spark Quenching Capacitors – Class X2
Condensateurs d’ extinction – Classe X2
Nennkapazität
Nominal value
Capacité nominale
Teile-Nr. / Part number / Référence
0,024 µF
0,047 µF
0,1
µF
Weitere Kapazitäts- und Widerstandswerte auf Anfrage
Other values upon request / D’autres capacités et resistances sur demande
Nennspannung:
Rated voltage:
250 V ~
Tension nominale:
Widerstand:
Resistance:
P 40 = 1 W
Résistance:
Kapazitätsabweichung:
Capacitance tolerance:
± 20%
Tolérances des capacités:
Kondensatorenklasse:
Capacitor class:
X2
Classe de condensateur.
Gehäuse:
Isolierbecher
Encapsulation:
plastic box
Boîtier:
boîtier isolant
Klimakategorie:
25/100/21
Climatic category:
(IEC 60068-1)
Catégorie d’ climatique:
Passive Entlammbarkeit:
C
Letter indicating passive
(DIN EN 60384-14)
flammability category:
Catégorie d’ inflammabilité:
Anschlüsse:
Cu-Draht verzinnt
Ø 0,8 mm
Leads:
Tinned copper wire
Ø 0,8 mm
Connexions:
Fil cuivre étamé
Ø 0,8 mm
47 R
100 R
470 R
22 R
Serienwiderstand
Series resistance
Résistance en serie
Wahlweise:
22 R, 47 R
100 R, 47 R
K005-601/470
K005-701/470
K005-801/470
K005-601/022
K005-701/022
K005-801/022
K005-601/100
K005-701/100
K005-801/100
K005-601/047
K005-701/047
K005-801/047


Similar Part No. - K005-470

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
K005-512 EICHHOFF-K005-512 Datasheet
247Kb / 2P
   Funkenlosch-Kondensatoren Spark Quenching Capacitors Condensateurs d??extinction
K005-515 EICHHOFF-K005-515 Datasheet
247Kb / 2P
   Funkenlosch-Kondensatoren Spark Quenching Capacitors Condensateurs d??extinction
K005-516 EICHHOFF-K005-516 Datasheet
247Kb / 2P
   Funkenlosch-Kondensatoren Spark Quenching Capacitors Condensateurs d??extinction
K005-600 EICHHOFF-K005-600 Datasheet
82Kb / 1P
   SPARK QUENCHING CAPACITORS
K005-600 EICHHOFF-K005-600 Datasheet
247Kb / 2P
   Funkenlosch-Kondensatoren Spark Quenching Capacitors Condensateurs d??extinction
More results

Similar Description - K005-470

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
K005-600 EICHHOFF-K005-600_12 Datasheet
247Kb / 2P
   Funkenlosch-Kondensatoren Spark Quenching Capacitors Condensateurs d??extinction
K005-600 EICHHOFF-K005-600 Datasheet
82Kb / 1P
   SPARK QUENCHING CAPACITORS
K005-650 EICHHOFF-K005-650 Datasheet
74Kb / 1P
   SPARK QUENCHING CAPACITORS
K005-601 EICHHOFF-K005-601 Datasheet
54Kb / 1P
   SPARK QUENCHING CAPACITORS
logo
Vishay Siliconix
F1776 VISHAY-F1776 Datasheet
108Kb / 2P
   AC-Capacitors, RC Networks (Spark Quenching Capacitors) Class X2 AC 250V (MKT)
Revision 12-Oct-05
F17764104105 VISHAY-F17764104105 Datasheet
59Kb / 2P
   Interference Suppression RC Networks (Spark Quenching Capacitors) Class X2 AC 250 V (MKT)
Revision: 21-Jun-11
logo
Panasonic Semiconductor
ECS-F0JE475K PANASONIC-ECS-F0JE475K Datasheet
48Kb / 1P
   In Harz getauchte Festtantal-Kondensatoren
logo
Okaya Electric America,...
3RMES-121 OKAYA-3RMES-121 Datasheet
239Kb / 1P
   SPARK QUENCHER
XA120033 OKAYA-XA120033_14 Datasheet
49Kb / 1P
   SPARK QUENCHER
S120033 OKAYA-S120033 Datasheet
292Kb / 1P
   SPARK QUENCHER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com