Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F034-210 Datasheet(PDF) 2 Page - Eichhoff Electronics,Inc.

Part # F034-210
Description  Funk-Entstorfilter mit stromkompensierter Ringkerndrossel und nicht stromkompensierter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EICHHOFF [Eichhoff Electronics,Inc.]
Direct Link  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

F034-210 Datasheet(HTML) 2 Page - Eichhoff Electronics,Inc.

  F034-210 Datasheet HTML 1Page - Eichhoff Electronics,Inc. F034-210 Datasheet HTML 2Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Tension nominale:
c.a. 110/250 V
50/60 Hz
Tolérances des capacités:
± 20%
Classes des condensateurs: X2, Y2
Tolérances de l’inductance:
–30% / + 50%
Résistance décharge:
1 M0 à 0,22µF, 470 K à 1µF
680 K à 0,47µF
Boîtier:
boîtier métallique (AL)
Catégorie climatique:
25/100/21-C selon IEC 60068-1
Connexions:
Cosses plattes 6,3 x 0,8 mm
Prüfzeichen:
Approvals:
Homologations:
Rated voltage:
AC 110/250 V
50/60 Hz
Capacitance tolerance:
± 20%
Capacitor class:
X2, Y2
Inductance tolerance:
–30% / +50%
Discharge tolerance:
1 M0 at 0,22µF, 470 K at 1µF
680 K at 0,47µF
Encapsulation:
metal case (AL)
Climatic category:
25/100/21-C to IEC 60068-1
Connections:
Fastons 6.3 x 6.8 mm
F034-201/010
F034-204/010
F034-210/010
F034-206/010
F034-202/010
Einfügungsdämpfung (Richtwerte), Messung im 50:-System
Insertion loss (approx. values), measured in 50:-system
Affaiblissement d’insertion (valeurs indicatives), Mesurage dans le circuit 50:
unsymmetrische Messung, Abschluss des Nachbarzweiges
Non-symmetric measurement
Mesurage non-symétrique
asymmetrische Messung, beide Zweige parallel (common mode)
Asymmetric measurement (common mode)
Mesurage asymétrique (common mode)
symmetrische Messung (differential mode)
symmetric measurement (differential mode)
Mesurage symétrique (differential mode)
·
EN 60939-2
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀฀
฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀
฀฀฀฀฀฀฀
฀฀฀฀฀฀฀฀฀
฀฀฀฀฀
฀฀฀


Similar Part No. - F034-210

ManufacturerPart #DatasheetDescription
logo
Powerbox
F03 POWERBOX-F03 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
F03 XPPOWER-F03 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Omron Electronics LLC
F03-15 OMRON-F03-15 Datasheet
596Kb / 6P
   Sensing Band
F03-16PE OMRON-F03-16PE Datasheet
175Kb / 2P
   Sensing Band
F03-16PS OMRON-F03-16PS Datasheet
202Kb / 2P
   Liquid Leakage Point Sensor
More results

Similar Description - F034-210

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
F044-201 EICHHOFF-F044-201 Datasheet
143Kb / 2P
   Funk-Entstorfilter mit Kaltger채testecker nach IEC mit Sicherungshalter und Netzschalter
F044-311 EICHHOFF-F044-311 Datasheet
113Kb / 2P
   Funk-Entstorfilter mit Kaltgeratestecker nach IEC
F033-600 EICHHOFF-F033-600 Datasheet
98Kb / 2P
   Funk-Entstorfilter f체r Printmontage im Kunststoffgehause und Metallgehause
logo
Wurth Elektronik GmbH &...
744282102 WURTH-744282102 Datasheet
261Kb / 2P
   Stromkompensierter SMD Line Filter WE-SCC
744281471 WURTH-744281471 Datasheet
178Kb / 2P
   Stromkompensierter SMD Line Filter WE-SCC
logo
Eichhoff Electronics,In...
F033-620 EICHHOFF-F033-620 Datasheet
104Kb / 2P
   Funk-Entstorfilter im rechteckigen Kunststoffgehause
logo
Wurth Elektronik GmbH &...
744282100 WURTH-744282100 Datasheet
261Kb / 2P
   Stromkompensierter SMD Line Filter WE-SCC
744281100 WURTH-744281100 Datasheet
179Kb / 2P
   Stromkompensierter SMD Line Filter WE-SCC
744282010 WURTH-744282010 Datasheet
260Kb / 2P
   Stromkompensierter SMD Line Filter WE-SCC
744284100 WURTH-744284100 Datasheet
250Kb / 2P
   Stromkompensierter SMD Line Filter WE-SCC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com