Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL95813HRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL95813HRZ
Description  Single Phase Core Controller for VR12.6
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95813HRZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL95813HRZ Datasheet HTML 1Page - Intersil Corporation ISL95813HRZ Datasheet HTML 2Page - Intersil Corporation ISL95813HRZ Datasheet HTML 3Page - Intersil Corporation ISL95813HRZ Datasheet HTML 4Page - Intersil Corporation ISL95813HRZ Datasheet HTML 5Page - Intersil Corporation ISL95813HRZ Datasheet HTML 6Page - Intersil Corporation ISL95813HRZ Datasheet HTML 7Page - Intersil Corporation ISL95813HRZ Datasheet HTML 8Page - Intersil Corporation ISL95813HRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ISL95813
2
FN8449.0
May 15, 2013
Pin Configuration
ISL95813
(20 LD 3X4 QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL95813HRZ
813H
-10 to +100
20 LD 3x4 QFN
L20.3x4
ISL95813IRZ
813I
-40 to +100
20 LD 3x4 QFN
L20.3x4
ISL95813EV1Z
Evaluation Board
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL95813. For more information on MSL, please see tech brief TB363.
VR_ON
PGOOD
IMON
VRHOT#
NTC
COMP
LG
PHASE
UG
BOOT
VCC
PRGM2
1
2
3
4
5
6
16
15
14
13
12
11
20
19
18
17
789
10
GND
Pin Descriptions
PIN
NAME
FUNCTION
1
VR_ON
Digital Input
Enable input for controller. Connect to ground to disable the part. Connect to VCC to initiate
soft-start and regulation.
2
PGOOD
Digital Output
Power-Good open-drain output indicating when VR is in regulation with no faults detected. Pull up
externally with a 680
Ω resistor to VCCP or 1.9kΩ to 3.3V.
3IMON
Analog Output:
[Small-signal]
VR output current monitor. IMON pin sources a current proportional to the regulator output current.
A resistor connected from this pin to ground will set a voltage that is proportional to the load
current. This voltage is sampled with an internal ADC to produce a digital IMON signal that can be
read through the serial communications bus.
4
VRHOT#
Digital Output
Open drain thermal overload output indicator. Can be considered part of communication bus with
CPU.
5NTC
Analog Input:
[Small-Signal]
Thermistor input to VR_HOT# circuit. Used to monitor VR temperature.
6
COMP
Analog Output:
[Small-signal]
Output of the gm error-amplifier for loop control. Connect to ground through the compensation
network.


Similar Part No. - ISL95813HRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95813 RENESAS-ISL95813 Datasheet
226Kb / 2P
   Single-Phase Core Controller for VR12.6
More results

Similar Description - ISL95813HRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95813 RENESAS-ISL95813 Datasheet
226Kb / 2P
   Single-Phase Core Controller for VR12.6
ISL95816A RENESAS-ISL95816A Datasheet
194Kb / 2P
   4-Phase PWM Controller for VR12.5 and VR12.6 CPUs
logo
Analog Devices
ADP3170 AD-ADP3170 Datasheet
183Kb / 16P
   VRM 8.5 Compatible Single Phase Core Controller
REV. 0
logo
Richtek Technology Corp...
RT8152C RICHTEK-RT8152C Datasheet
406Kb / 24P
   Single-Phase PWM Controller for CPU / GPU Core Power Supply
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 40P
   Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
logo
Renesas Technology Corp
ISL95822 RENESAS-ISL95822 Datasheet
185Kb / 2P
   Dual-Phase PWM Regulator for VR12.5 and VR12.6 CPUs
ISL95825 RENESAS-ISL95825 Datasheet
194Kb / 2P
   Three Phases PWM Controller for VR12.5/VR12.6 CPUs
ISL95812 RENESAS-ISL95812 Datasheet
178Kb / 2P
   Multiphase PWM Regulator for VR12.5, VR12.6 and VR12.6 CPUs
March 5, 2013
logo
Intersil Corporation
ISL6557A INTERSIL-ISL6557A Datasheet
540Kb / 19P
   Multi-Phase PWM Controller for Core-Voltage Regulation
ISL6557 INTERSIL-ISL6557 Datasheet
532Kb / 17P
   Multi-Phase PWM Controller for Core-Voltage Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com