Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKL05Z16VLC4(R) Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MKL05Z16VLC4(R)
Description  Supports all KL04 and KL05 devices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MKL05Z16VLC4(R) Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MKL05Z16VLC4(R) Datasheet HTML 6Page - Freescale Semiconductor, Inc MKL05Z16VLC4(R) Datasheet HTML 7Page - Freescale Semiconductor, Inc MKL05Z16VLC4(R) Datasheet HTML 8Page - Freescale Semiconductor, Inc MKL05Z16VLC4(R) Datasheet HTML 9Page - Freescale Semiconductor, Inc MKL05Z16VLC4(R) Datasheet HTML 10Page - Freescale Semiconductor, Inc MKL05Z16VLC4(R) Datasheet HTML 11Page - Freescale Semiconductor, Inc MKL05Z16VLC4(R) Datasheet HTML 12Page - Freescale Semiconductor, Inc MKL05Z16VLC4(R) Datasheet HTML 13Page - Freescale Semiconductor, Inc MKL05Z16VLC4(R) Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Table 3. KL04 48MHz Performance Table (continued)
MC Partnumber
Human-Machine Interface
Segment LCD
-
-
-
-
-
-
-
-
-
-
-
TSI (Capacitive Touch)
-
-
-
-
-
-
-
-
-
-
-
Total GPIOs
22
22
22
28
28
28
28
28
28
41
41
GPIOs w/ Interrupt
12
12
12
14
14
14
14
14
14
18
18
High Current GPIOs (18mA)
2
2
2
4
4
4
4
4
4
4
4
Operating Characteristics
Voltage Range
1.71-3.
6V
1.71-3.
6V
1.71-3.
6V
1.71-3.
6V
1.71-3.
6V
1.71-3.
6V
1.71-3.
6V
1.71-3.
6V
1.71-3.
6V
1.71-3.
6V
1.71-3.
6V
Flash Write V
1.71V
1.71V
1.71V
1.71V
1.71V
1.71V
1.71V
1.71V
1.71V
1.71V
1.71V
Temp Range
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
4.4.2 KL05 Family Features (48MHz Performance)
Table 4. KL05 48MHz Performance Table
MC Partnumber
General
CPU Frequency
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
48
MHz
Pin Count
24
24
24
32
32
32
32
32
32
48
48
Package
QFN
QFN
QFN
LQFP
LQFP
LQFP
QFN
QFN
QFN
LQFP
LQFP
Memories and Memory Interfaces
Flash
8KB
16KB
32KB
8KB
16KB
32KB
8KB
16KB
32KB
16KB
32KB
SRAM
1KB
2KB
4KB
1KB
2KB
4KB
1KB
2KB
4KB
2KB
4KB
Cache
64B
64B
64B
64B
64B
64B
64B
64B
64B
64B
64B
Core Modules
Debug
SWD
SWD
SWD
SWD
SWD
SWD
SWD
SWD
SWD
SWD
SWD
Table continues on the next page...
Features
KL04/KL05 Product Brief, Rev. 2, 6/2012
10
Preliminary
Freescale Semiconductor, Inc.
General Business Information


Similar Part No. - MKL05Z16VLC4(R)

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MKL05Z16VLC4 FREESCALE-MKL05Z16VLC4 Datasheet
1Mb / 49P
   KL05 Sub-Family Data Sheet
logo
NXP Semiconductors
MKL05Z16VLC4 NXP-MKL05Z16VLC4 Datasheet
1,001Kb / 53P
   Kinetis KL05 32 KB Flash
Rev 4 03/2014
More results

Similar Description - MKL05Z16VLC4(R)

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
KL14 FREESCALE-KL14 Datasheet
298Kb / 20P
   Supports all KL14 and KL15 devices
logo
Lattice Semiconductor
GAL22V10D-15QPN LATTICE-GAL22V10D-15QPN Datasheet
718Kb / 23P
   All Devices Discontinued
GAL16V8D-25LJN LATTICE-GAL16V8D-25LJN Datasheet
767Kb / 26P
   All Devices Discontinued
GAL22V10D-10LPN LATTICE-GAL22V10D-10LPN Datasheet
718Kb / 23P
   All Devices Discontinued
logo
NXP Semiconductors
KL05P48M48SF1 NXP-KL05P48M48SF1 Datasheet
1,001Kb / 53P
   Kinetis KL05 32 KB Flash
Rev 4 03/2014
KL04P48M48SF1 NXP-KL04P48M48SF1 Datasheet
1Mb / 49P
   Kinetis KL04 32 KB Flash
Rev 4 03/2014
logo
Freescale Semiconductor...
KL05P48M48SF1 FREESCALE-KL05P48M48SF1 Datasheet
1Mb / 49P
   KL05 Sub-Family Data Sheet
logo
NXP Semiconductors
S32M2XX NXP-S32M2XX Datasheet
2Mb / 135P
   Supports S32M24x and S32M27x
Rev. 3 - 10/2023
MC56F80XXX NXP-MC56F80XXX_V01 Datasheet
1Mb / 71P
   Supports MC56F807xx and MC56F806xx
Rev. 2.1, 02/2023
logo
Freescale Semiconductor...
MKL04Z32VFK4 FREESCALE-MKL04Z32VFK4 Datasheet
5Mb / 658P
   KL04 Sub-Family Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com