Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33186HVW2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC33186HVW2
Description  H-Bridge Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33186HVW2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC33186HVW2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33186HVW2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33186HVW2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33186HVW2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33186HVW2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33186HVW2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33186HVW2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33186HVW2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33186HVW2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Document Number: MC33186
Rev. 8.0, 4/2013
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007 - 2013. All rights reserved.
*This document contains certain information on a product under development. Fre-
escale reserves the right to change or discontinue this product without notice
H-Bridge Driver
The 33186 is a monolithic H-Bridge ideal for fractional horsepower
DC-motor and bi-directional thrust solenoid control. The IC
incorporates internal control logic, charge pump, gate drive, and low
RDS(ON) MOSFET output circuitry. The 33186 is able to control
continuous inductive DC load currents up to 5.0 A. Output loads can
be pulse width modulated (PWMed) at frequencies up to 10 kHz. This
device is powered by SMARTMOS technology.
The 33186 is parametrically specified over a temperature range of
-40
C TA 125 C, 5.0 V V+ 28 V. The IC can also be operated
up to 40 V with de-rating of the specifications. The IC is available in a
surface mount power package with exposed pad for heat sinking.
Features
• Overtemperature, short-circuit protection, and overvoltage
protection against transients up to 40 V at VBAT, typical
•RDSON = 150 m for each output transistor at 25 C
• Continuous DC load current 5.0 A (TC < 100
C
• Output current limitation at typ 6.5 A +/- 20%
• Short-circuit shutdown for output currents over 8.0 A
• Logic Inputs TTL/CMOS compatible
• Operating frequency up to 20 kHz
• Undervoltage disable function
• Diagnostic output, 2 disable input
• Coding input for alternative functions
• Stable operation with an external capacitance of 47
F minimum at
VBAT
Figure 1. 33186 Simplified Block Diagram
H-BRIDGE MOTOR DRIVER
33186
ORDERING INFORMATION
Device
(For Tape and Reel,
add an R2 suffix)
Temperature
Range (TA)
Package
MC33186HVW1
-40 to 125 °C
20 HSOP
MC33186HVW2
VW SUFFIX (PB-FREE)
98ASH70702A
20-PIN HSOP
5.0 V
VPWR
MOTOR
MCU
or
DSP
OUT2
OUT1
VBAT
CP
PGND
SF
IN1
DI1
IN2
DI2
33186


Similar Part No. - MC33186HVW2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33186 MOTOROLA-MC33186 Datasheet
858Kb / 12P
   Automotive H-Bridge Driver
logo
Freescale Semiconductor...
MC33186DH1/R2 FREESCALE-MC33186DH1/R2 Datasheet
302Kb / 21P
   H-Bridge Driver
logo
Motorola, Inc
MC33186DH1R2 MOTOROLA-MC33186DH1R2 Datasheet
858Kb / 12P
   Automotive H-Bridge Driver
logo
Freescale Semiconductor...
MC33186VW1/R2 FREESCALE-MC33186VW1/R2 Datasheet
302Kb / 21P
   H-Bridge Driver
MC33186VW2R2 FREESCALE-MC33186VW2R2 Datasheet
659Kb / 24P
   H-Bridge Driver
More results

Similar Description - MC33186HVW2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD62222HFP ROHM-BD62222HFP Datasheet
284Kb / 11P
   H-bridge driver
logo
New Japan Radio
NJM2675 NJRC-NJM2675 Datasheet
300Kb / 8P
   H BRIDGE DRIVER
logo
Rohm
BD62321HFP ROHM-BD62321HFP Datasheet
259Kb / 11P
   H-bridge driver
logo
Freescale Semiconductor...
MC33186VW2R2 FREESCALE-MC33186VW2R2 Datasheet
659Kb / 24P
   H-Bridge Driver
33186 FREESCALE-33186_11 Datasheet
477Kb / 24P
   H-Bridge Driver
33186 FREESCALE-33186 Datasheet
302Kb / 21P
   H-Bridge Driver
logo
Vishay Siliconix
SI9978DW VISHAY-SI9978DW Datasheet
165Kb / 6P
   Configurable H-Bridge Driver
Rev. D, 05-Apr-99
logo
Cherry Semiconductor Co...
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
   2A H-Bridge Driver
logo
ON Semiconductor
CS3720 ONSEMI-CS3720 Datasheet
70Kb / 4P
   2A H-Bridge Driver
December, 2001 - Rev. 5
logo
Rohm
BD6736FV ROHM-BD6736FV_15 Datasheet
1Mb / 16P
   Single H-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com