Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUFM0J122L Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEUFM0J122L
Description  Aluminum Electrolytic Capacitors/ FM, Radial Lead Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFM0J122L Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEUFM0J122L Datasheet HTML 1Page - Panasonic Semiconductor EEUFM0J122L Datasheet HTML 2Page - Panasonic Semiconductor EEUFM0J122L Datasheet HTML 3Page - Panasonic Semiconductor EEUFM0J122L Datasheet HTML 4Page - Panasonic Semiconductor EEUFM0J122L Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
 EE81 
Aluminum Electrolytic Capacitors/ FM
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
n
Standard Products
When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch B=5mm, 7.5mm.
The taping dimensions are explained on p.196 of our Catalog. Please use it as a reference guide.
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mA)
(
Ω)
(V)
(hours)
(mm)
150
5
11
280
0.300
2000
0.5
2.0
5.0 2.5
EEUFM0J151 ( )
200
2000
330
6
11.2
455
0.130
2000
0.5
2.5
5.0 2.5
EEUFM0J331 ( )
200
2000
560
8
11.5
950
0.056
3000
0.6
3.5
5.0
EEUFM0J561 ( )
200
1000
820
8
15
1240
0.041
3000
0.6
3.5
5.0
EEUFM0J821L( )
200
1000
1200
8
20
1560
0.030
4000
0.6
3.5
5.0
EEUFM0J122L( )
200
1000
1000
10
12.5
1290
0.038
4000
0.6
5.0
5.0
EEUFM0J102 ( )
200
500
1200
10
16
1790
0.026
4000
0.6
5.0
5.0
EEUFM0J122 ( )
200
500
1500
10
20
2180
0.019
5000
0.6
5.0
5.0
EEUFM0J152 ( )
200
500
2200
10
25
2470
0.018
5000
0.6
5.0
5.0
EEUFM0J222L( )
200
500
3300
12.5
20
2600
0.018
5000
0.6
5.0
5.0
EEUFM0J332 ( )
200
500
3900
12.5
25
3190
0.015
7000
0.6
5.0
5.0
EEUFM0J392 ( )
200
500
4700
12.5
30
3630
0.013
7000
0.8
5.0
EEUFM0J472L
100
5600
12.5
35
3750
0.012
7000
0.8
5.0
EEUFM0J562L
100
16
20
3300
0.017
5000
0.8
7.5
7.5
EEUFM0J562S( )
100
250
6800
16
25
3820
0.014
7000
0.8
7.5
7.5
EEUFM0J682 ( )
100
250
100
5
11
280
0.300
2000
0.5
2.0
5.0 2.5
EEUFM1A101 ( )
200
2000
220
6
11.2
455
0.130
2000
0.5
2.5
5.0 2.5
EEUFM1A221 ( )
200
2000
470
8
11.5
950
0.056
3000
0.6
3.5
5.0
EEUFM1A471 ( )
200
1000
680
8
15
1240
0.041
3000
0.6
3.5
5.0
EEUFM1A681L( )
200
1000
1000
8
20
1560
0.030
4000
0.6
3.5
5.0
EEUFM1A102L( )
200
1000
680
10
12.5
1290
0.038
4000
0.6
5.0
5.0
EEUFM1A681 ( )
200
500
1000
10
16
1790
0.026
4000
0.6
5.0
5.0
EEUFM1A102 ( )
200
500
1200
10
20
2180
0.019
5000
0.6
5.0
5.0
EEUFM1A122 ( )
200
500
1500
10
25
2470
0.018
5000
0.6
5.0
5.0
EEUFM1A152L( )
200
500
2200
12.5
20
2600
0.018
5000
0.6
5.0
5.0
EEUFM1A222 ( )
200
500
3300
12.5
25
3190
0.015
7000
0.6
5.0
5.0
EEUFM1A332 ( )
200
500
3900
12.5
30
3630
0.013
7000
0.8
5.0
EEUFM1A392L
100
4700
12.5
35
3750
0.012
7000
0.8
5.0
EEUFM1A472L
100
3900
16
20
3300
0.017
5000
0.8
7.5
7.5
EEUFM1A392S( )
100
250
5600
16
25
3820
0.014
7000
0.8
7.5
7.5
EEUFM1A562 ( )
100
250
68
5
11
280
0.300
2000
0.5
2.0
5.0 2.5
EEUFM1C680 ( )
200
2000
120
6
11.2
455
0.130
2000
0.5
2.5
5.0 2.5
EEUFM1C121 ( )
200
2000
330
8
11.5
950
0.056
3000
0.6
3.5
5.0
EEUFM1C331 ( )
200
1000
470
8
15
1240
0.041
3000
0.6
3.5
5.0
EEUFM1C471L( )
200
1000
680
8
20
1560
0.030
4000
0.6
3.5
5.0
EEUFM1C681L( )
200
1000
470
10
12.5
1290
0.038
4000
0.6
5.0
5.0
EEUFM1C471 ( )
200
500
680
10
16
1790
0.026
4000
0.6
5.0
5.0
EEUFM1C681 ( )
200
500
1000
10
20
2180
0.019
5000
0.6
5.0
5.0
EEUFM1C102 ( )
200
500
1200
10
25
2470
0.018
5000
0.6
5.0
5.0
EEUFM1C122L( )
200
500
1500
12.5
20
2600
0.018
5000
0.6
5.0
5.0
EEUFM1C152 ( )
200
500
W.V.
Cap
(±20%)
Case size
Dia. Length
Ripple
current
(100kHz)
(+105
°C)
Impedance
(100kHz)
(+20
°C)
Endur-
ance
Specification
Lead size
Lead
Dia.
Lead space
Straight
Taping
i
B i H
Part No
Min.Packaging Qíty
Long
Lead
Taping
6.3
16
10


Similar Part No. - EEUFM0J122L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFM0J122L PANASONIC-EEUFM0J122L Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors/ FM
EEUFM0J122L PANASONIC-EEUFM0J122L Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM0J122L PANASONIC-EEUFM0J122L Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM0J122L PANASONIC-EEUFM0J122L Datasheet
94Kb / 4P
   Aluminum Electrolytic Capacitors FM
EEUFM0J122L PANASONIC-EEUFM0J122L Datasheet
96Kb / 4P
   Aluminum Electrolytic Capacitors FM
More results

Similar Description - EEUFM0J122L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFS0J221B PANASONIC-EEUFS0J221B Datasheet
77Kb / 4P
   Aluminum Electrolytic Capacitors (Radial Lead Type)
logo
Panasonic Battery Group
EEUED2C220 PANASONICBATTERY-EEUED2C220 Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ ED Radial Lead Type
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com