Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BC337 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. BC337
Description  SWITCHING AND AMPLIFIER APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, August 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage
: BC337
: BC338
50
30
V
V
VCEO
Collector-Emitter Voltage
: BC337
: BC338
45
25
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
800
mA
PC
Collector Power Dissipation
625
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
: BC337
: BC338
IC=10mA, IB=0
45
25
V
V
BVCES
Collector-Emitter Breakdown Voltage
: BC337
: BC338
IC=0.1mA, VBE=0
50
30
V
V
BVEBO
Emitter-Base Breakdown Voltage
IE=0.1mA, IC=0
5
V
ICES
Collector Cut-off Current
: BC337
: BC338
VCE=45V, IB=0
VCE=25V, IB=0
2
2
100
100
nA
nA
hFE1
hFE2
DC Current Gain
VCE=1V, IC=100mA
VCE=1V, IC=300mA
100
60
630
VCE (sat)
Collector-Emitter Saturation Voltage
IC=500mA, IB=50mA
0.7
V
VBE (on)
Base Emitter On Voltage
VCE=1V, IC=300mA
1.2
V
fT
Current Gain Bandwidth Product
VCE=5V, IC=10mA, f=50MHz
100
MHz
Cob
Output Capacitance
VCB=10V, IE=0, f=1MHz
12
pF
Classification
16
25
40
hFE1
100 ~ 250
160 ~ 400
250 ~ 630
hFE2
60-
100-
170-
BC337/338
Switching and Amplifier Applications
• Suitable for AF-Driver stages and low power output stages
• Complement to BC327/BC328
1. Collector 2. Base 3. Emitter
TO-92
1




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SA1954TRANSISTOR GENERAL PURPOSE AMPLIFIER SWITCHING AND MUTING SWITCH APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SA1955TRANSISTOR GENERAL PURPOSE AMPLIFIER SWITCHING AND MUTING SWITCH APPLICATIONS 1 2 3 4 Toshiba Semiconductor
2SC3112TRANSISTOR FOR AUDIO AMPLIFIER AND SWITCHING APPLICATIONS 1 2 3 Toshiba Semiconductor
C45C8Medium Power Switching and Amplifier Applications 1 2 3 4 List of Unclassifed Manufacturers
BC807Switching and Amplifier Applications 1 2 3 4 5 MoreFairchild Semiconductor
BC63916Switching and Amplifier Applications 1 2 3 Fairchild Semiconductor
CL055NPN SILICON PLANAR EPITAXIAL COMPLEMENTARY PAIR SPECIALLY DESIGNED FOR 1-WATT AUDIO AMPLIFIER OUTPUT AND SWITCHING APPLICATIONS 1 Micro Electronics
BC856Switching and Amplifier Applications 1 2 3 4 5 Fairchild Semiconductor
CL155SILICON PLANAR EPITAXIAL COMPLEMENTARY PAIR SPECIALLY DESIGNED FOR 20WATT AUDIO AMPLIFIER OUTPUT AND SWITCHING APPLICATIONS 1 Micro Electronics
BC640Transistors SWITCHING AND AMPLIFIER APPLICATIONS 1 List of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl