Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP4435GYT-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP4435GYT-HF
Description  Simple Drive Requirement, Small Size & Lower Profile
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4435GYT-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP4435GYT-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4435GYT-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4435GYT-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4435GYT-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
P-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Simple Drive Requirement
BVDSS
-30V
▼ Small Size & Lower Profile
RDS(ON)
21mΩ
▼ RoHS Compliant & Halogen-Free
ID
-11A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
TSTG
TJ
Symbol
Value
Unit
Rthj-c
Maximum Thermal Resistance, Junction-case
6
/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
35
/W
Data and specifications subject to change without notice
201009214
1
AP4435GYT-HF
Rating
Halogen-Free Product
-30
+25
-11
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
3
-55 to 150
Continuous Drain Current
3
-8.7
Pulsed Drain Current
1
-40
Storage Temperature Range
3.57
-55 to 150
Thermal Data
Parameter
Total Power Dissipation
Operating Junction Temperature Range
Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The PMPAK
® 3x3 package is special for DC-DC converters
application and lower 1.0mm profile with backside heat sink.
D
D
D
D
S
S
S
G
PMPAK
® 3x3
G
D
S


Similar Part No. - AP4435GYT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4435GYT-HF A-POWER-AP4435GYT-HF_14 Datasheet
101Kb / 4P
   Simple Drive Requirement
AP4435GYT-HF A-POWER-AP4435GYT-HF_16 Datasheet
65Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP4435GYT-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4800GYT-HF A-POWER-AP4800GYT-HF Datasheet
106Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP4820GYT-HF A-POWER-AP4820GYT-HF Datasheet
64Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP4453GYT-HF A-POWER-AP4453GYT-HF Datasheet
118Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP4455GYT-HF A-POWER-AP4455GYT-HF Datasheet
65Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP6680BGYT-HF A-POWER-AP6680BGYT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP6680SGYT-HF A-POWER-AP6680SGYT-HF Datasheet
65Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP6980GN2-HF A-POWER-AP6980GN2-HF Datasheet
104Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP9430AGYT-HF A-POWER-AP9430AGYT-HF Datasheet
103Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP9430GYT-HF A-POWER-AP9430GYT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
AP4451GYT-HF A-POWER-AP4451GYT-HF Datasheet
101Kb / 4P
   Simple Drive Requirement, Small Size & Lower Profile
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com