Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM7064SLC84-10 Datasheet(PDF) 3 Page - Altera Corporation

Part # EPM7064SLC84-10
Description  Programmable Logic Device Family
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7064SLC84-10 Datasheet(HTML) 3 Page - Altera Corporation

  EPM7064SLC84-10 Datasheet HTML 1Page - Altera Corporation EPM7064SLC84-10 Datasheet HTML 2Page - Altera Corporation EPM7064SLC84-10 Datasheet HTML 3Page - Altera Corporation EPM7064SLC84-10 Datasheet HTML 4Page - Altera Corporation EPM7064SLC84-10 Datasheet HTML 5Page - Altera Corporation EPM7064SLC84-10 Datasheet HTML 6Page - Altera Corporation EPM7064SLC84-10 Datasheet HTML 7Page - Altera Corporation EPM7064SLC84-10 Datasheet HTML 8Page - Altera Corporation EPM7064SLC84-10 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
Altera Corporation
3
MAX 7000 Programmable Logic Device Family Data Sheet
Additional design entry and simulation support provided by EDIF
2 0 0 and 3 0 0 netlist files, library of parameterized modules (LPM),
Verilog HDL, VHDL, and other interfaces to popular EDA tools from
manufacturers such as Cadence, Exemplar Logic, Mentor Graphics,
OrCAD, Synopsys, and VeriBest
Programming support
Altera’s Master Programming Unit (MPU) and programming
hardware from third-party manufacturers program all
MAX 7000 devices
–The BitBlasterTM serial download cable, ByteBlasterMVTM
parallel port download cable, and MasterBlasterTM
serial/universal serial bus (USB) download cable program MAX
7000S devices
General
Description
The MAX 7000 family of high-density, high-performance PLDs is based
on Altera’s second-generation MAX architecture. Fabricated with
advanced CMOS technology, the EEPROM-based MAX 7000 family
provides 600 to 5,000 usable gates, ISP, pin-to-pin delays as fast as 5 ns,
and counter speeds of up to 175.4 MHz. MAX 7000S devices in the -5, -6,
-7, and -10 speed grades as well as MAX 7000 and MAX 7000E devices in
-5, -6, -7, -10P, and -12P speed grades comply with the PCI Special Interest
Group (PCI SIG) PCI Local Bus Specification, Revision 2.2. See Table 3
for available speed grades.
Table 3. MAX 7000 Speed Grades
Device
Speed Grade
-5
-6
-7
-10P
-10
-12P
-12
-15
-15T
-20
EPM7032
vv
v
vvv
EPM7032S
v
v
v
v
EPM7064
v
vvv
v
EPM7064S
v
v
v
v
EPM7096
vvv
v
EPM7128E
vvv
vv
v
EPM7128S
v
v
v
v
EPM7160E
vv
vv
v
EPM7160S
vv
v
v
EPM7192E
vvv
v
EPM7192S
vv
v
EPM7256E
vvv
v
EPM7256S
vv
v


Similar Part No. - EPM7064SLC84-10

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7064SLC44-10 ALTERA-EPM7064SLC44-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7064SLC44-10N ALTERA-EPM7064SLC44-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7064SLC44-7 ALTERA-EPM7064SLC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7064SLC44-7N ALTERA-EPM7064SLC44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results

Similar Description - EPM7064SLC84-10

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com