Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRC020-130 Datasheet(PDF) 2 Page - Eichhoff Electronics,Inc.

Part # DRC020-130
Description  Funk-Entst철rdrosseln Radio-Interference suppression chokes Selfs de d챕parasitage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EICHHOFF [Eichhoff Electronics,Inc.]
Direct Link  http://www.eichhoff.com/
Logo EICHHOFF - Eichhoff Electronics,Inc.

DRC020-130 Datasheet(HTML) 2 Page - Eichhoff Electronics,Inc.

  DRC020-130 Datasheet HTML 1Page - Eichhoff Electronics,Inc. DRC020-130 Datasheet HTML 2Page - Eichhoff Electronics,Inc. DRC020-130 Datasheet HTML 3Page - Eichhoff Electronics,Inc. DRC020-130 Datasheet HTML 4Page - Eichhoff Electronics,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EICHHOFF Kondensatoren GmbH - Heidgraben 4 - 36110 Schlitz - Germany
sales@eichhoff.de
www.eichhoff.de
Rated voltage:
3 AC 440 V
Inductance tolerance
+50%; -30%
DC resistance:
Average values at -u = 20 °C
Climatic classification:
25/085/21-C acc. to IEC 60068-1
Connections:
7 A,
copper wire H05V-K
13 A, 25 A, 30 A, 45 A, copper wire H07V-K
A RFI filter with high insertion loss has to be mounted in the mains inlet of the frequency converter. The cables between motor and converter have
to be shielded. The shield of the cable has to be well fixed to the housings of the motor and of the converter. The current compensated ring core
choke presented here has to be mounted directly in the outlet of the converter. These chokes largely reduce the HF couplings from the motor housing.
Tension nominale:
AC 440 V
Tolérances des inductances:
+50%; -30%
Résistance c.c.:
Valeurs moyennes à -u = 20°C
Classification climatique:
25/085/21-C aprés IEC 60068-1
Connexions:
7 A,
fil cuivre H05V-K
13 a, 25 A, 30 A, 45 A, fil cuivre H07V-K
Il faut monter un filtre antiparasitage d’affaiblissement d’insertion important dans I’entrée de I’inverseur de fréquence. Les câbles entre moteur
et inverseur doivet être blindés. Le blindage du câble doit être bien fixé au boîtier de I’inverseur et du moteur. La self de tore á courant compensé
ci-présentée doit être montée immédiatement dans la sortie de I’inverseur. Ces selfs réduisent trés bien les couplages HF produits par le boîtier
du moteur.


Similar Part No. - DRC020-130

ManufacturerPart #DatasheetDescription
logo
Powerbox
DRC POWERBOX-DRC Datasheet
287Kb / 3P
   Double Isolation (No earth connection required)
logo
Crydom Inc.,
DRC CRYDOM-DRC Datasheet
1Mb / 12P
   DIN Rail Mount
DRC CRYDOM-DRC Datasheet
1Mb / 11P
   DIN Rail Mount
logo
Sensata Technologies, I...
DRC SENSATA-DRC Datasheet
799Kb / 9P
   DIN RAIL MOUNT
logo
Mean Well Enterprises C...
DRC-100 MEANWELL-DRC-100 Datasheet
662Kb / 5P
   100W Single Output with Battery Charger (UPS Function)
More results

Similar Description - DRC020-130

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
F022-730 EICHHOFF-F022-730 Datasheet
74Kb / 2P
   Funk-Entst철rfilter f체r Frequenzumrichter Radio-Interference Suppression
K018-000 EICHHOFF-K018-000_12 Datasheet
75Kb / 1P
   Vierpol-Funk-Entst철rkondensatoren Four-pole Radio Interference Suppression
F011-171 EICHHOFF-F011-171 Datasheet
89Kb / 2P
   Funk-Entst철rfilter im runden Metallgeh채use Radio-Interference Suppression Filters
F012-000 EICHHOFF-F012-000 Datasheet
258Kb / 4P
   Funk-Entst철rfilter im ovalen Metallgeh채use Radio-Interference Suppression Filters
F033-001 EICHHOFF-F033-001 Datasheet
231Kb / 4P
   Funk-Entst철rfilter im rechteckigen Metallgehause Radio-Interference Suppression Filter
K008-050 EICHHOFF-K008-050_12 Datasheet
321Kb / 5P
   Zweipol-Funk-Entst철rkondensatoren Two-pole Radio Interference Suppression Capacitors
F011-227 EICHHOFF-F011-227 Datasheet
165Kb / 4P
   Funk-Entst철rfilter f체r 3 Phasen Radio-Interference Suppression Filters
F033-353 EICHHOFF-F033-353 Datasheet
110Kb / 2P
   Funk-Entst철rfilter fur 3 Phasen Radio-Interference Suppression Filters
K006-700 EICHHOFF-K006-700_12 Datasheet
334Kb / 4P
   Zweipol-Funk-Entst철rkondensatoren Two-pole Radio Interference Suppression Capacitors
K007-050 EICHHOFF-K007-050 Datasheet
304Kb / 4P
   Zweipol-Funk-Entst철rkondensatoren Two-pole Radio Interference Suppression Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com