Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VFC32KP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # VFC32KP
Description  Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VFC32KP Datasheet(HTML) 1 Page - Texas Instruments

  VFC32KP Datasheet HTML 1Page - Texas Instruments VFC32KP Datasheet HTML 2Page - Texas Instruments VFC32KP Datasheet HTML 3Page - Texas Instruments VFC32KP Datasheet HTML 4Page - Texas Instruments VFC32KP Datasheet HTML 5Page - Texas Instruments VFC32KP Datasheet HTML 6Page - Texas Instruments VFC32KP Datasheet HTML 7Page - Texas Instruments VFC32KP Datasheet HTML 8Page - Texas Instruments VFC32KP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
®
VFC32
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
• Street Address: 6730 S. Tucson Blvd.
• Tucson, AZ 85706
Tel: (602) 746-1111
• Twx: 910-952-1111
Cable: BBRCORP
• Telex: 066-6491
FAX: (602) 889-1510
Immediate Product Info: (800) 548-6132
FEATURES
q OPERATION UP TO 500kHz
q EXCELLENT LINEARITY
±0.01% max at 10kHz FS
±0.05% max at 100kHz FS
q V/F OR F/V CONVERSION
q MONOTONIC
q VOLTAGE OR CURRENT INPUT
APPLICATIONS
q INTEGRATING A/D CONVERTER
q SERIAL FREQUENCY OUTPUT
q ISOLATED DATA TRANSMISSION
q FM ANALOG SIGNAL MOD/DEMOD
q MOTOR SPEED CONTROL
q TACHOMETER
DESCRIPTION
The VFC32 voltage-to-frequency converter provides
an output frequency accurately proportional to its
input voltage. The digital open-collector frequency
output is compatible with all common logic families.
Its integrating input characteristics give the VFC32
excellent noise immunity and low nonlinearity.
Full-scale output frequency is determined by an exter-
nal capacitor and resistor and can be scaled over a
wide range. The VFC32 can also be configured as a
frequency-to-voltage converter.
The VFC32 is available in 14-pin plastic DIP, SO-14
surface-mount, and metal TO-100 packages. Commer-
cial, industrial, and military temperature range models
are available.
Voltage-to-Frequency
and Frequency-to-Voltage
CONVERTER
–In
One-Shot
+V
CC
f
OUT
–V
CC
VFC32
Common
+In
Comparator
Input
V
OUT
One-Shot
Capacitor
©1977 Burr-Brown Corporation
PDS-372G
Printed in U.S.A. October, 1998
SBVS015


Similar Part No. - VFC32KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC32KP BURR-BROWN-VFC32KP Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results

Similar Description - VFC32KP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32KNZ AD-ADVFC32KNZ Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. B
logo
Texas Instruments
VFC320 TI-VFC320 Datasheet
233Kb / 12P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com