Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VFC110APG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # VFC110APG4
Description  High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VFC110APG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button VFC110APG4 Datasheet HTML 2Page - Texas Instruments VFC110APG4 Datasheet HTML 3Page - Texas Instruments VFC110APG4 Datasheet HTML 4Page - Texas Instruments VFC110APG4 Datasheet HTML 5Page - Texas Instruments VFC110APG4 Datasheet HTML 6Page - Texas Instruments VFC110APG4 Datasheet HTML 7Page - Texas Instruments VFC110APG4 Datasheet HTML 8Page - Texas Instruments VFC110APG4 Datasheet HTML 9Page - Texas Instruments VFC110APG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
VFC110
SBVS021A − OCTOBER 1988 − REVISED APRIL 2007
www.ti.com
6
OPERATION
Figure 1 shows the connections required for operation at
a full-scale output frequency of 4MHz. Only power supply
bypass capacitors and an output pull-up resistor, RPU, are
required for this mode of operation. A 0V to 10V input
voltage produces a 0Hz to 4MHz output frequency. The
internal input resistor, one-shot and integrator capacitors
set the full-scale output frequency. The input is applied to
the summing junction of the integrator amplifier through
the 25k
Ω internal input resistor. Pin 14 (the noninverting
amplifier input) should be referred directly to the negative
side of VIN. The common-mode range of the integrating
amplifier is limited to approximately −1V to +1V referred to
analog ground. This allows the noninverting input to
Kelvin-sense the common connection of VIN, easily
accommodating any ground-drop errors. The input
impedance
loading
VIN
is
equal
to
the
input
resistor—approximately 25k
Ω.
OPERATION AT LOWER FREQUENCIES
The VFC110 can be operated at lower frequencies simply
by limiting the input voltage to less than the nominal 10V
full-scale input. To maintain a 10V FS input and highest
accuracy, however, external components are required
(see Table 1). Small adjustments may be required in the
nominal
values indicated. Integrator and one-shot
capacitors are added in parallel to internal capacitors.
Figure 2 illustrates the connections required for 100kHz
full-scale output. The one-shot capacitor, COS, should be
connected to logic ground. The one-shot connection
(pin 6) is not short-circuit protected. Short-circuits to
ground may damage the device.
The integrator capacitor’s value does not directly affect the
output frequency, but determines the magnitude of the
voltage swing on the integrator’s output. Using a CINT
equal to COS provides an integrator output swing from 0V
to approximately 1.5V.
COMPONENT SELECTION
Selection of the external resistor and capacitor type is
important. Temperature drift of an external input resistor
and one-shot capacitor will affect temperature stability of
the output frequency. NPO ceramic capacitors will
normally produce the best results. Silver-mica types will
result in slightly higher drift, but may be adequate in many
applications. A low temperature coefficient film resistor
should be used for RIN.
The integrator capacitor serves as a charge bucket, where
charge is accumulated from the input, VIN, and that charge
is drained during the one-shot period. While the size of the
bucket (capacitor value) is not critical, it must not leak.
Capacitor leakage or dielectric absorption can affect the
linearity and offset of the transfer function. High-quality
ceramic capacitors can be used for values less than
0.01
µF. Use caution with higher value ceramic capacitors.
High-k
ceramic
capacitors
may
have
voltage
nonlinearities
which
can
degrade
overall
linearity.
Polystyrene, polycarbonate, or mylar film capacitors are
superior for high values.
2
14
V
IN
112
11
One− Shot
V
REF
−V
S
Analog Ground
413
NC
3
6
8
Logic Ground
f
OUT
0MHz to 4MHz
10
+V
S
7
NC
5
NC
50pF(1)
NC
R
PU
680
−15V
+15V
V
L
+5V
25k
(1)
0V to
+10V
NOTE: (1) Nominal values (
±20%).
Figure 1. 4MHz Full-Scale Operation


Similar Part No. - VFC110APG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC110AP BURR-BROWN-VFC110AP Datasheet
98Kb / 8P
   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
More results

Similar Description - VFC110APG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC110 BURR-BROWN-VFC110 Datasheet
98Kb / 8P
   High-Frequency VOLTAGE-TO-FREQUENCY CONVERTER
logo
List of Unclassifed Man...
SSM2031 ETC-SSM2031 Datasheet
56Kb / 1P
   HIGH FREQUENCY OSCILLATER/VOLTAGE TO FREQUENCY CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com