Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VFC32 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # VFC32
Description  Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VFC32 Datasheet(HTML) 3 Page - Texas Instruments

  VFC32 Datasheet HTML 1Page - Texas Instruments VFC32 Datasheet HTML 2Page - Texas Instruments VFC32 Datasheet HTML 3Page - Texas Instruments VFC32 Datasheet HTML 4Page - Texas Instruments VFC32 Datasheet HTML 5Page - Texas Instruments VFC32 Datasheet HTML 6Page - Texas Instruments VFC32 Datasheet HTML 7Page - Texas Instruments VFC32 Datasheet HTML 8Page - Texas Instruments VFC32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
VFC32
Supply Voltage ...................................................................................
±22V
Output Sink Current (F
OUT) ................................................................ 50mA
Output Current (V
OUT) ...................................................................... +20mA
Input Voltage, –Input .....................................................................
±Supply
Input Voltage, +Input .....................................................................
±Supply
Comparator Input ..........................................................................
±Supply
Storage Temperature Range:
VFC32BM, SM ............................................................. –65
°C to +150°C
VFC32KP, KU ................................................................ –25
°C to +85°C
ABSOLUTE MAXIMUM RATINGS
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PIN CONFIGURATIONS
Top View
+V
CC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Input
Amp
One-
shot
NC
NC
–V
CC
f
OUT
–In
NC
One-Shot
Capacitor
V
OUT
Common
+In
NC
NC
Comparator
Input
P Package
U Package
(Epoxy Dual-in-line)
+V
CC
Switch
NC
–V
CC (Case)
f
OUT
+In
One-Shot
Capacitor
Common
–In
Comparator
Input
M Package
(TO-100)
1
3
4
56
7
8
9
10
V
OUT
NC = no internal connection
External connection permitted.
2
One-
shot
Input Amp
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published specifi-
cations.
PACKAGE
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
VFC32KP
14-Pin Plastic DIP
010
0
°C to 70°C
VFC32BM
TO-100 Metal
007
–25
°C to +85°C
VFC32SM
TO-100 Metal
007
–55
°C to +125°C
VFC32KU
SO-14 SOIC
235
0
°C to +70°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION


Similar Part No. - VFC32

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Texas Instruments
VFC320 TI-VFC320 Datasheet
233Kb / 12P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC320 TI1-VFC320 Datasheet
233Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Burr-Brown (TI)
VFC320BG BURR-BROWN-VFC320BG Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results

Similar Description - VFC32

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32KNZ AD-ADVFC32KNZ Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. B
logo
Texas Instruments
VFC320 TI-VFC320 Datasheet
233Kb / 12P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com