Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VESD05A8A-HNH Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VESD05A8A-HNH
Description  8-Line ESD-Protection Diode Array in LLP1713-9L
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VESD05A8A-HNH Datasheet(HTML) 4 Page - Vishay Siliconix

  VESD05A8A-HNH Datasheet HTML 1Page - Vishay Siliconix VESD05A8A-HNH Datasheet HTML 2Page - Vishay Siliconix VESD05A8A-HNH Datasheet HTML 3Page - Vishay Siliconix VESD05A8A-HNH Datasheet HTML 4Page - Vishay Siliconix VESD05A8A-HNH Datasheet HTML 5Page - Vishay Siliconix VESD05A8A-HNH Datasheet HTML 6Page - Vishay Siliconix VESD05A8A-HNH Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VESD05A8A-HNH
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 26-Jun-12
4
Document Number: 81629
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - ESD Discharge Current Wave Form
acc. IEC 61000-4-2 (330
/150 pF)
Fig. 2 - 8/20 µs Peak Pulse Current Wave Form
acc. IEC 61000-4-5
Fig. 3 - Typical Capacitance CD vs. Reverse Voltage VR
Fig. 4 - Typical Forward Current IF vs. Forward Voltage VF
Fig. 5 - Typical Reverse Voltage VR vs. Reverse Current IR
Fig. 6 - Typical Peak Clamping Voltage VC vs.
Peak Pulse Current IPP
0 %
20 %
40 %
60 %
80 %
100 %
010
20
30
40
Time (µs)
20 µs to 50 %
8 µs to 100 %
20548
0 %
20 %
40 %
60 %
80 %
100 %
120 %
- 10 0 10 20 30 40 50 60 70 80 90 100
Time (ns)
Rise time = 0.7 ns to 1 ns
53 %
27 %
20557
0
5
10
15
20
25
30
35
012
4
56
V
R (V)
f = 1 MHz
BiAs-mode
BiSy-mode
Pin 1, 2, 3, 4, 5, 6, 7 or 8 to Pin 9
between 2 Pins (1 - 8)
Pin 9 not connetced
3
20558
0.001
0.01
0.1
1
10
100
0.5
0.6
0.7
0.8
0.9
1
V
F (V)
Pin 9 to
Pin 1, 2, 3, 4, 5, 6, 7 or 8
20559
0
1
2
3
4
5
6
7
8
0.01
0.1
1
10
100
1000 10000
I
R (µA)
Pin 1, 2, 3, 4, 5, 6, 7 or 8 to Pin 9
20560
- 6
- 4
- 2
0
2
4
6
8
10
12
14
01
23
45
6
I
PP (A)
Measured
acc. IEC 61000-4-5
(8/20 µs - wave form)
V
C
positive surge
negative surge
Pin 1, 2, 3, 4, 5, 6, 7 or 8 to Pin 9
20561


Similar Part No. - VESD05A8A-HNH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD05A8A-HNH VISHAY-VESD05A8A-HNH Datasheet
147Kb / 8P
   8-Line ESD Protection Diode Array in LLP1713-9L
01-Jan-2022
VESD05A8A-HNH VISHAY-VESD05A8A-HNH_V01 Datasheet
147Kb / 8P
   8-Line ESD Protection Diode Array in LLP1713-9L
01-Jan-2022
More results

Similar Description - VESD05A8A-HNH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD05A8C-HNH VISHAY-VESD05A8C-HNH Datasheet
118Kb / 6P
   8-Line ESD Protection Diode Array in LLP1713-9L
01-Jan-2022
VESD05A8A-HNH VISHAY-VESD05A8A-HNH_V01 Datasheet
147Kb / 8P
   8-Line ESD Protection Diode Array in LLP1713-9L
01-Jan-2022
VESD05A8B-HNH VISHAY-VESD05A8B-HNH Datasheet
534Kb / 7P
   8-Line ESD-Protection Diode Array in LLP1713-9L
Rev. 1.2, 11-Jun-10
VESD05A8B-HNH VISHAY-VESD05A8B-HNH_V01 Datasheet
132Kb / 7P
   8-Line ESD Protection Diode Array in LLP1713-9LS
01-Jan-2022
VESD05A5A-HS3 VISHAY-VESD05A5A-HS3_08 Datasheet
290Kb / 7P
   Line ESD-Protection Diode Array in LLP75
Rev. 1.3, 22-Sep-08
VESD05A6A-HAF VISHAY-VESD05A6A-HAF Datasheet
615Kb / 6P
   6-Line ESD-Protection Diode Array in LLP75
Rev. 1.2, 11-Jun-10
VESD05A6A-HAF VISHAY-VESD05A6A-HAF_V01 Datasheet
150Kb / 6P
   6-Line ESD Protection Diode Array in LLP75
01-Jan-2022
VESD05A6-HA3 VISHAY-VESD05A6-HA3 Datasheet
253Kb / 7P
   6-Line ESD-Protection Diode Array in LLP75
Rev. 1.3, 19-Sep-08
VESD05A5A-HSF VISHAY-VESD05A5A-HSF Datasheet
140Kb / 6P
   5-Line ESD-Protection Diode Array in LLP75
Rev. 1.3, 21-Oct-10
VESD05A5A-HS3 VISHAY-VESD05A5A-HS3 Datasheet
356Kb / 7P
   5-line ESD Protection Diode Array in LLP75
Rev. 1.0, 16-Mar-06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com