Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCAS04AG183R0Y Datasheet(PDF) 3 Page - AVX Corporation

Part # VCAS04AG183R0Y
Description  Automotive AntennaGuard
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS04AG183R0Y Datasheet(HTML) 3 Page - AVX Corporation

  VCAS04AG183R0Y Datasheet HTML 1Page - AVX Corporation VCAS04AG183R0Y Datasheet HTML 2Page - AVX Corporation VCAS04AG183R0Y Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
No.
Item
Requirement
Test Method
1
Operating Temp.
-55°C to +125° C
2
Appearance/Dimensions
No visible damage
Dimensions: see par 6
Visual examination at 10% magnification
Dimensions verification by class2 caliper
3
Solderability
The dipped surface shall be at least 95%
covered with a new smooth solder coating.
Soak in eutectic solder bath of temperature at
230+/-5
°C for 5sec.
4
Solder heat resistance
No mechanical damage. Capacitance: 3 pF
Leakage: <100nA
a.
Read capacitance and leakage.
b.
Soak in eutectic solder bath of
temperature at 260+/-5
°C. for 10+/-1sec.
c.
Natural cool down to +25
°C
d.
Read capacitance and leakage after 24+/-
2 hours.
5
Humidity Life
Capacitance: 3 pF
Leakage: <100nA
a.
Read capacitance and leakage.
b.
Leave device in chamber of +85+/-3
°C,
85+/5% relative humidity for
1,000
± 5hours.
c.
Read capacitance and leakage after 3-4
hours conditioning at 25+/-5
°C
6
Life Test
Capacitance: 3 pF
Leakage: <100nA
a.
Read capacitance and leakage.
b.
Apply 100% of working voltage at
test temperature of 125+/-4
°C for
1,000+48/-0hours.
c.
Read capacitance and leakage after
24+/-2 hours conditioning at 25+/- 5
°C


Similar Part No. - VCAS04AG183R0Y

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS04AG183R0Y AVX-VCAS04AG183R0Y Datasheet
362Kb / 3P
   AntennaGuard Automotive Series Multilayer Varistors for Automotive Applications
VCAS04AG183R0YAT AVX-VCAS04AG183R0YAT Datasheet
178Kb / 3P
   AntennaGuard 0402/0603 Automotive Series
VCAS04AG183R0YAT1A AVX-VCAS04AG183R0YAT1A Datasheet
365Kb / 3P
   AVX Low Capacitance Automotive Varistors ESD Protection for Automotive Circuits Sensitive to Capacitance
VCAS04AG183R0YAT3A AVX-VCAS04AG183R0YAT3A Datasheet
365Kb / 3P
   AVX Low Capacitance Automotive Varistors ESD Protection for Automotive Circuits Sensitive to Capacitance
VCAS04AG183R0YAT AVX-VCAS04AG183R0YAT_17 Datasheet
365Kb / 3P
   AVX Low Capacitance Automotive Varistors ESD Protection for Automotive Circuits Sensitive to Capacitance
More results

Similar Description - VCAS04AG183R0Y

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0402 AVX-0402_15 Datasheet
178Kb / 3P
   AntennaGuard 0402/0603 Automotive Series
VCAS06AG183R0YATRP AVX-VCAS06AG183R0YATRP Datasheet
362Kb / 3P
   AntennaGuard Automotive Series Multilayer Varistors for Automotive Applications
VCH4AG100R8MA AVX-VCH4AG100R8MA Datasheet
241Kb / 2P
   AntennaGuard/SPV
VCH4 AVX-VCH4 Datasheet
235Kb / 2P
   AntennaGuard/SPV AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit Sensitive to Capacitance
12063F474K4T2A AVX-12063F474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12065C224K4T2A AVX-12065C224K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12101C105K4T2A AVX-12101C105K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
08053C474K4T2A AVX-08053C474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12061C103K4T2A AVX-12061C103K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
logo
Lite-On Technology Corp...
LTPA-C3535BWP LITEON-LTPA-C3535BWP Datasheet
811Kb / 17P
   Automotive
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com