Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T3-4120-10P Datasheet(PDF) 7 Page - Amphenol Corporation

Part # T3-4120-10P
Description  environmental connectors for military/aerospace applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

T3-4120-10P Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button T3-4120-10P Datasheet HTML 3Page - Amphenol Corporation T3-4120-10P Datasheet HTML 4Page - Amphenol Corporation T3-4120-10P Datasheet HTML 5Page - Amphenol Corporation T3-4120-10P Datasheet HTML 6Page - Amphenol Corporation T3-4120-10P Datasheet HTML 7Page - Amphenol Corporation T3-4120-10P Datasheet HTML 8Page - Amphenol Corporation T3-4120-10P Datasheet HTML 9Page - Amphenol Corporation T3-4120-10P Datasheet HTML 10Page - Amphenol Corporation T3-4120-10P Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
5
MIL-C-26500
aluminum/stainless steel,
threaded/bayonet coupling
THREADED COUPLING
PYLE ZZY
MS2426X(
)TXX
BAYONET COUPLING
PYLE ZZW
MS2426X(
)BXX
NA designates not available
* See how to order, page 7, for further description of hardware classes.
** See how to order, page 7, to complete part numbers.
Shell Style
(Stainless Steel pictured)
Basic
Performance Level
Hardware
Description*
Class*
Basic Part Number**
Square Flange
Mounted
Receptacle
Threaded Coupling
General Purpose,
Environmental Resistant
Aluminum
Military Class R or G
MS24264(R or G)XXTXX
Pyle A or M Series
ZZY-(A or M)X-17XX
Superior Strength,
Corrosion Resistance up
to 204°C (399°F)
Stainless Steel
Military Class E
MS24264EXXTXX
Pyle R Series
ZZY-RX-17XX
Single Hole (D-Hole)
Mounted
Receptacle
Threaded Coupling
General Purpose,
Environmental Resistant
Aluminum
Military Class R or G
MS24265(R or G)XXTXX
Pyle A or M Series
ZZY-(A or M)X-15XX
Superior Strength,
Corrosion Resistance up
to 204°C (399°F)
Stainless Steel
Military Class E
MS24265EXXTXX
Pyle R Series
ZZY-RX-15XX
Straight Plug
Threaded Coupling
General Purpose,
Environmental Resistant
Aluminum
Military Class R or G
MS24266(R or G)XXTXX
Pyle A or M Series
ZZY-(A or M)X-10XX
Superior Strength,
Corrosion Resistance up
to 204°C (399°F)
Stainless Steel
Military Class E
MS24266EXXTXX
Pyle R Series
ZZY-RX-10XX
Shell Style
(Stainless Steel pictured)
Basic
Performance Level
Hardware
Description*
Class*
Basic Part Number**
Square Flange
Mounted
Receptacle
Bayonet Coupling
General Purpose,
Environmental Resistant
Aluminum
Military Class R or G
MS24264(R or G)XXBXX
Pyle A or M Series
ZZW-(A or M)X-17XX
Superior Strength,
Corrosion Resistance up
to 204°C (399°F)
Stainless Steel
Military Class E
MS24264EXXTXX
Pyle R Series
ZZW-RX-17XX
Single Hole (D-Hole)
Mounted
Receptacle
Bayonet Coupling
General Purpose,
Environmental Resistant
Aluminum
Military Class R or G
MS24265(R or G)XXBXX
Pyle A or M Series
ZZW-(A or M)X-15XX
Superior Strength,
Corrosion Resistance up
to 204°C (399°F)
Stainless Steel
Military Class E
MS24265EXXTXX
Pyle R Series
ZZW-RX-15XX
Straight Plug
Bayonet Coupling
General Purpose,
Environmental Resistant
Aluminum
Military Class R or G
MS24266(R or G)XXBXX
Pyle A or M Series
ZZW-(A or M)X-10XX
Superior Strength,
Corrosion Resistance up
to 204°C (399°F)
Stainless Steel
Military Class E
MS24266EXXTXX
Pyle R Series
ZZW-RX-10XX


Similar Part No. - T3-4120-10P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T3-47T08-LD ETC1-T3-47T08-LD Datasheet
174Kb / 4P
   Twinax Contacts for Subminiature Cylindricals general description, application data - size 10 &12
More results

Similar Description - T3-4120-10P

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T-330SCT PULSE-T-330SCT Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
logo
ITT Industries
D20419-80 ITT-D20419-80 Datasheet
8Mb / 386P
   Military/Aerospace
logo
Littelfuse
M83530 LITTELFUSE-M83530 Datasheet
78Kb / 10P
   Varistor Products - Aerospace and Military
logo
Tyco Electronics
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
   Military/Aerospace High Performance Relays
logo
List of Unclassifed Man...
FCA-210 ETC2-FCA-210 Datasheet
144Kb / 4P
   Mid-Range Military/Aerospace Relays
logo
Tyco Electronics
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
   Military Aerospace High Performance Relays
FCA-325 MACOM-FCA-325 Datasheet
82Kb / 4P
   Mid-Range Military/Aerospace Relays
logo
ITT Industries
M83723 ITT-M83723 Datasheet
69Kb / 1P
   Circular; Aerospace Commercial Industrial Military
logo
List of Unclassifed Man...
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com