Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3D02060E Datasheet(PDF) 2 Page - Cree, Inc

Part # C3D02060E
Description  Z-RecTM Rectifiers and Zero-Recovery짰 Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C3D02060E Datasheet(HTML) 2 Page - Cree, Inc

  C3D02060E Datasheet HTML 1Page - Cree, Inc C3D02060E Datasheet HTML 2Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright © 2001-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and Zero Recovery are registered trademarks and Z-REC and Z-FET are trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5451
www.cree.com/power
Z-RecTM RectifieRs and ZeRo-RecoveRy® RectifieRs
Power Product Line
Fig. 1 TO-220-2
Fig. 2 DPAK
Fig. 3 D2PAK
Fig. 4 TO-247-3
Fig. 5 Full-Pak
CMF10120D
1200
160
220
190
260
24
12
TO-247-3
YES
CMF20120D
1200
80
110
95
130
33
17
TO-247-3
YES
VDSS (V) RDS(ON) (T
J=25°C) (m
Ω
)
Typ
Max
RDS(ON) (T
J=125°C) (m
Ω
)
Typ
Max
I
D (Tc=25°C) (A)
(Continuous)
I
D (Tc=100°C) (A)
(Continuous)
Package
Type
Recommended
for new designs?
V
RRM (V)
I
F(AVG) (A)
(TC=150°C)
I
F(AVG) (A)
(TJ=100°C)
V
F(TJ=25°C)
Typ
Max
V
F(TJ=175°C)
Typ
Max
T
J(Max)
(°C)
Package
Type
Recommeded
for new designs?
C4D02120A
1200
2
8.6
1.4
1.8
1.9
3.0
175
TO-220-2
YES
C4D02120E
1200
2
10
1.5
1.5
1.9
3.0
175
DPAK
YES
C2D05120A
1200
5
11
1.6
1.8
2.6
3.0
175
TO-220-2
NO
C4D05120E
1200
5
13
1.6
1.8
2.6
3.0
175
DPAK
YES
C4D08120A
1200
7.5
15.9
1.5
1.8
2.6
3.0
175
TO-220-2
YES
C4D08120E
1200
7.5
17.1
1.5
1.8
2.6
3.0
175
DPAK
YES
C2D10120A
1200
10
18
1.6
1.8
2.5
3.0
175
TO-220-2
NO
C2D10120D
1200
10
23
1.6
1.8
2.6
3.0
175
TO-247-3
NO
C4D10120A
1200
10
18.7
1.5
1.8
2.2
3.0
175
TO-220-2
YES
C4D10120D
1200
10
23.6
1.4
1.8
1.9
3.0
175
TO-247-3
YES
C4D10120E
1200
10
22.9
15
1.8
2.2
3.0
175
DPAK
YES
C4D15120A
1200
15
28.2
15
1.8
2.2
3.0
175
TO-220-2
YES
C2D20120D
1200
20
43
1.6
1.8
2.5
3.0
175
TO-247-3
NO
C4D20120A
1200
20
33.8
1.5
1.8
2.2
3.0
175
TO-220-2
YES
C4D20120D
1200
20
43
1.5
1.8
2.2
3.0
175
TO-247-3
YES
C4D30120D
1200
30
60
15
18
2.2
3.0
175
TO-247-3
YES
C4D40120D
1200
40
77.2
1.5
1.8
2.2
3.0
175
TO-247-3
YES
silicon caRbide
Z
-FeTTM mosfet


Similar Part No. - C3D02060E

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
C3D02060E WOLFSPEED-C3D02060E Datasheet
1Mb / 6P
   Silicon Carbide Schottky Diode Z-Rec® Rectifier
Rev. E, 10-2016
logo
Cree, Inc
C3D02060E CREE-C3D02060E_13 Datasheet
877Kb / 6P
   Silicon Carbide Schottky Diode
More results

Similar Description - C3D02060E

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CPW2-0600-S008B WOLFSPEED-CPW2-0600-S008B Datasheet
225Kb / 3P
   Silicon Carbide Schottky Diode Chip Z-RecTM Rectifier
CPW3-0600-S003B WOLFSPEED-CPW3-0600-S003B Datasheet
201Kb / 3P
   Silicon Carbide Schottky Diode Chip Z-RecTM Rectifier
CPW3-0650-S004B WOLFSPEED-CPW3-0650-S004B Datasheet
222Kb / 3P
   Silicon Carbide Schottky Diode Chip Z-RecTM Rectifier
CPW3-0600-S002B WOLFSPEED-CPW3-0600-S002B Datasheet
203Kb / 3P
   Silicon Carbide Schottky Diode Chip Z-RecTM Rectifier
CPW3-0600-S004B WOLFSPEED-CPW3-0600-S004B Datasheet
219Kb / 3P
   Silicon Carbide Schottky Diode Chip Z-RecTM Rectifier
logo
Semikron International
P1/75-M12 SEMIKRON-P1/75-M12 Datasheet
757Kb / 4P
   For studs and bridge rectifiers
logo
List of Unclassifed Man...
ECG109 ETC-ECG109 Datasheet
169Kb / 3P
   Diodes and Rectifiers (General Purpose)
logo
NXP Semiconductors
1N4001ID PHILIPS-1N4001ID Datasheet
31Kb / 5P
   Rectifiers
1996 Jun 10
logo
New Jersey Semi-Conduct...
1N2103 NJSEMI-1N2103 Datasheet
37Kb / 1P
   Rectifiers
logo
Microsemi Corporation
UES704 MICROSEMI-UES704 Datasheet
127Kb / 3P
   RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com