Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2530GY-HF Datasheet(PDF) 6 Page - Advanced Power Electronics Corp.

Part # AP2530GY-HF
Description  Low Gate Charge, Low On-resistance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2530GY-HF Datasheet(HTML) 6 Page - Advanced Power Electronics Corp.

  AP2530GY-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2530GY-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2530GY-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2530GY-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2530GY-HF Datasheet HTML 5Page - Advanced Power Electronics Corp. AP2530GY-HF Datasheet HTML 6Page - Advanced Power Electronics Corp. AP2530GY-HF Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AP2530GY-HF
P-Channel
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
6
0
2
4
6
8
10
02
46
-V DS , Drain-to-Source Voltage (V)
T A = 150
o C
V G = - 3.0 V
-10 V
- 7.0 V
- 5.0 V
- 4.5 V
0.6
0.9
1.2
1.5
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =-2 A
V G = -10 V
0.0
0.5
1.0
1.5
2.0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0
2
4
6
8
10
02
46
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
-10 V
- 7.0 V
- 5.0 V
-4.5 V
V G = - 3.0 V
100
200
300
400
246
8
10
-V GS , Gate-to-Source Voltage (V)
I D =-1 A
T A =25
o C
0.6
0.8
1.0
1.2
1.4
-50
0
50
100
150
T j , Junction Temperature (
o C)


Similar Part No. - AP2530GY-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2530GY-HF A-POWER-AP2530GY-HF_14 Datasheet
91Kb / 7P
   Surface Mount Package
AP2530GY-HF A-POWER-AP2530GY-HF_16 Datasheet
88Kb / 8P
   Surface Mount Package
More results

Similar Description - AP2530GY-HF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL7NM60N STMICROELECTRONICS-STL7NM60N Datasheet
786Kb / 13P
   Low input capacitance and gate charge, Low gate input resistance
logo
Advanced Power Electron...
AP9T18GH A-POWER-AP9T18GH_14 Datasheet
218Kb / 6P
   Low Gate Charge
AP9T15GHJ-HF A-POWER-AP9T15GHJ-HF_14 Datasheet
103Kb / 4P
   Low Gate Charge
AP9T16GJ A-POWER-AP9T16GJ_14 Datasheet
268Kb / 6P
   Low Gate Charge
logo
JILIN SINO-MICROELECTRO...
JCS12N65FC JSMC-JCS12N65FC Datasheet
548Kb / 8P
   Low gate charge
logo
Kersemi Electronic Co.,...
KSMD540 KERSEMI-KSMD540 Datasheet
658Kb / 4P
   Low gate charge.
KSMD3303 KERSEMI-KSMD3303 Datasheet
620Kb / 4P
   Low gate charge.
KSMF5N60 KERSEMI-KSMF5N60 Datasheet
670Kb / 4P
   Low gate charge.
KSMF6N65 KERSEMI-KSMF6N65 Datasheet
707Kb / 4P
   Low gate charge.
logo
Advanced Power Electron...
AP4523GD A-POWER-AP4523GD_14 Datasheet
99Kb / 7P
   Low Gate Charge
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com