Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM219R61E225KA12D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GRM219R61E225KA12D
Description  CHIP MONOLITHIC CERAMIC CAPACITOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM219R61E225KA12D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GRM219R61E225KA12D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM219R61E225KA12D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM219R61E225KA12D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM219R61E225KA12D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM219R61E225KA12D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM219R61E225KA12D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM219R61E225KA12D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FM7500U-092-NOV09
muRata GRM Hi-Cap 2009_11
All information is subject to change without notice, is not warranted in any fashion.
GRM series / Hi
GRM series / Hi--Cap (1uF and over)
Cap (1uF and over)
CHIP MONOLITHIC CERAMIC CAPACITOR
GRM series / Hi
GRM series / Hi--Cap (1uF and over)
Cap (1uF and over)
CHIP MONOLITHIC CERAMIC CAPACITOR
Features
1. TA chip capacitor replacement product lineup is available in X7R (X7S, X7T, X7U), X6S(X6T) and X5R
temperature characteristics with a capacitance of 1uF and larger.
2. The line of high volumetric capacitance ceramic chip capacitors is available in 2.5V,4V, 6.3V, 10V, 16V,
25V, 35V,50V and 100V.
3. No polarity.
4. GRM series is offered with a Ni barrier termination plated with Matte Tin, and is RoHS compliant.
5. Stringent dimensional tolerances allow highly reliable, high-speed automatic chip placement on PCBs.
GR M 18 8 R6 0J 105 K
A01 D
-1-
-2- -3- -4- -5-
-6-
-7-
-8-
-9- -10-
-9-:Individual Specification Code
-1-:Product ID
-2-:Series
-3-:Dimension (LxW)
-4-:Dimension (T)
-5-:Temperature Characteristics
-6-:Rated Voltage
-7-:Capacitance
-8-:Capacitance Tolerance
-10-:Packaging
Code
Dimension (T)
3
0.33mm
5
0.5mm
6
0.6mm
8
0.8mm
9
0.85mm
A
1.0mm
M
1.15mm
B
1.25mm
N
1.35mm
C
1.6mm
R
1.8mm
D
2.0mm
E
2.5mm
Code
Product
M
Tin Plated
Termination
Code Rated Voltage
0A
DC 2.5V
0G
DC 4V
0J
DC 6.3V
1A
DC 10V
1C
DC 16V
1E
DC 25V
YA
DC 35V
1H
DC 50V
2A
DC 100V
Code
Capacitance
105
1uF
106
10uF
107
100uF
Code
Dimension (LxW)
15
1.0x0.5mm (EIA:0402)
18
1.6x0.8mm (EIA:0603)
21
2.0x1.25mm (EIA:0805)
31
3.2x1.6mm (EIA:1206)
32
3.2x2.5mm (EIA:1210)
Code
Product
GR
MLCC
Code
Cap. Tol.
TC
K
+/-10%
X7_, X6_, X5R
M
+/-20%
X7_, X6_, X5R
Code
Packaging
D
Φ178mm Paper Taping
L
Φ178mm Plastic Taping
J
Φ330mm Paper Taping
K
Φ330mm Plastic Taping
Code
TC
Temp. Range
Cap. Change
Operating Temp.
R7
X7R
+/-15%
C7
X7S
+/-22%
D7
X7T
+22/-33%
E7
X7U
+22/-56%
C8
X6S
+/-22%
D8
X6T
+22/-33%
R6
X5R
-55 to 85C
+/-15%
-55 to 85C
-55 to 125C
-55 to 125C
-55 to 105C
-55 to 105C
Page.1
Global Part Numbering


Similar Part No. - GRM219R61E225KA12D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM219R61E225KA12D MURATA1-GRM219R61E225KA12D Datasheet
779Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM219R61E225KA12D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0222C1H4R5BA03 MURATA-GRM0222C1H4R5BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8WA03 MURATA-GRM0222C1H4R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R1DA03 MURATA-GRM0222C1H5R1DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R2DA03 MURATA-GRM0222C1H5R2DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R1BA03 MURATA-GRM0222C1H4R1BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8CA03 MURATA-GRM0222C1H4R8CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GNM314R71H104MA11 MURATA-GNM314R71H104MA11 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM2145C1H470KD01 MURATA-GNM2145C1H470KD01 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM1M25C1H220KD01 MURATA-GNM1M25C1H220KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GRM0222C1H4R1WA03 MURATA-GRM0222C1H4R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R3CA03 MURATA-GRM0222C1H4R3CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com