Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM31MR61A106KE19L Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # GRM31MR61A106KE19L
Description  CHIP MONOLITHIC CERAMIC CAPACITOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM31MR61A106KE19L Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  GRM31MR61A106KE19L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM31MR61A106KE19L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM31MR61A106KE19L Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM31MR61A106KE19L Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM31MR61A106KE19L Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM31MR61A106KE19L Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM31MR61A106KE19L Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FM7500U-092-NOV09
muRata GRM Hi-Cap 2009_11
All information is subject to change without notice, is not warranted in any fashion.
GRM series / Hi
GRM series / Hi--Cap (1uF and over)
Cap (1uF and over)
CHIP MONOLITHIC CERAMIC CAPACITOR
Murata P/N List <X6S (X6T)>
1) “*” of under development P/N have not fixed yet.
2) Q1 = January to March, Q2 = April to June, Q3 = July to September, Q4 = October to December
3) This is muRata’s development schedule, which may change due to progress of each development works.
4) Above individual specification code and packaging code were decided with muRata standard specification,
and it may change due to the special requirement by customer’s drawing.
5) Sample marked “-” in Sample column are built upon your request. Lead time will be around 4wks
(might be extended depending on production schedule). Please contact Murata Sales or Product Engineer directly.
Page.5
Cap
Size
Chip T (mm)
TC
WV
Cap Tol
Murata Global P/N
Sample
M.P.
0.5+/-0.05
X5R
B3
10
+/-10%
GRM155R61A105KE15D
Available
Mass Production
0.5+/-0.05
X5R
B3
6.3
+/-10%
GRM155R60J105KE19D
Available
Mass Production
0.8+/-0.1
X5R
B3
25
+/-10%
GRM188R61E105KA12D
Available
Mass Production
0.8+/-0.1
X5R
B3
16
+/-10%
GRM188R61C105KA93D
Available
Mass Production
0.8+/-0.1
X5R
B1
10
+/-10%
GRM188R61A105KA61D
Available
Mass Production
0.8+/-0.1
X5R
B3
25
+/-10%
GRM188R61E225K****
09Q4
10Q1
0.8+/-0.1
X5R
B3
16
+/-10%
GRM188R61C225KE15D
Available
Mass Production
0.8+/-0.1
X5R
B3
10
+/-10%
GRM188R61A225KE34D
Available
Mass Production
0.8+/-0.1
X5R
B3
6.3
+/-10%
GRM188R60J225KE19D
Available
Mass Production
X5R
B3
25
+/-10%
GRM21BR61E225KA12L
Available
Mass Production
1206
0.85+/-0.1
X5R
B3
50
+/-10%
GRM319R61H225K****
09Q4
10Q1
0603
0.8+/-0.1
X5R
B3
6.3
+/-10%
GRM188R60J475KE19D
Available
Mass Production
0.85+/-0.1
X5R
B3
25
+/-10%
GRM219R61E475K****
09Q4
10Q1
1.25+/-0.1
X5R
B3
25
+/-10%
GRM21BR61E475KA12L
Available
Mass Production
1.25+/-0.1
X5R
B3
16
+/-10%
GRM21BR61C475KA88L
Available
Mass Production
1.25+/-0.15
X5R
B3
10
+/-10%
GRM21BR61A475KA73L
Available
Mass Production
0.85+/-0.1
X5R
B3
50
+/-10%
GRM319R61H475K****
09Q4
10Q1
1.6+/-0.2
X5R
B3
25
+/-10%
GRM31CR61E475KA88L
Available
Mass Production
1.6+/-0.2
X5R
B1
16
+/-10%
GRM31CR61C475KA01L
Available
Mass Production
0603
0.8+/-0.1
X5R
B3
6.3
+/-20%
GRM188R60J106ME47D
Available
Mass Production
1.25+/-0.15
X5R
B3
25
+/-10%
GRM21BR61E106KA73L
Available
Mass Production
NEW
1.25+/-0.1
X5R
B3
16
+/-10%
GRM21BR61C106KE15L
Available
Mass Production
0.85+/-0.1
X5R
B3
10
+/-10%
GRM219R61A106KE44D
Available
Mass Production
1.25+/-0.1
X5R
B3
10
+/-10%
GRM21BR61A106KE19L
Available
Mass Production
0.85+/-0.1
X5R
B3
6.3
+/-10%
GRM219R60J106KE19D
Available
Mass Production
1.25+/-0.1
X5R
B3
6.3
+/-10%
GRM21BR60J106KE19L
Available
Mass Production
1.6+/-0.2
X5R
B3
50
+/-10%
GRM31CR61H106K****
09Q4
10Q1
1.6+/-0.2
X5R
B3
35
+/-10%
GRM31CR6YA106KA12L
Available
Mass Production
NEW
0.85+/-0.1
X5R
B3
25
+/-10%
GRM319R61E106KA12D
Available
Mass Production
NEW
1.6+/-0.2
X5R
B3
25
+/-10%
GRM31CR61E106KA12L
Available
Mass Production
1.6+/-0.2
X5R
B3
16
+/-10%
GRM31CR61C106KA88L
Available
Mass Production
1.15+/-0.1
X5R
B3
10
+/-10%
GRM31MR61A106KE19L
Available
Mass Production
2.5+/-0.2
X5R
B3
50
+/-10%
GRM32ER61H106K****
Available
10Q1
2.5+/-0.2
X5R
B3
35
+/-10%
GRM32ER6YA106KA12L
Available
Mass Production
1.25+/-0.15
X5R
B3
6.3
+/-20%
GRM21BR60J226ME39L
Available
Mass Production
0.85+/-0.1
X5R
B3
6.3
+/-20%
GRM219R60J226M****
09Q4
10Q1
1.6+/-0.2
X5R
B3
25
+/-10%
GRM31CR61E226KE15L
Available
Mass Production
NEW
1.6+/-0.2
X5R
B3
16
+/-10%
GRM31CR61C226KE15L
Available
Mass Production
1.6+/-0.2
X5R
B3
10
+/-10%
GRM31CR61A226KE19L
Available
Mass Production
1.6+/-0.2
X5R
B3
6.3
+/-10%
GRM31CR60J226KE19L
Available
Mass Production
2.5+/-0.2
X5R
B3
25
+/-10%
GRM32ER61E226KE15L
Available
Mass Production
2.5+/-0.2
X5R
B3
16
+/-10%
GRM32ER61C226KE20L
Available
Mass Production
1.35+/-0.15
X5R
B3
10
+/-10%
GRM32NR61A226KE19L
Available
Mass Production
2.5+/-0.2
X5R
B1
10
+/-10%
GRM32ER61A226KA65L
Available
Mass Production
0805
1.25+/-0.15
X5R
B3
4
+/-20%
GRM21BR60G476ME15L
Available
Mass Production
1.6+/-0.2
X5R
B3
10
+/-20%
GRM31CR61A476ME15L
Available
Mass Production
NEW
1.6+/-0.2
X5R
B3
6.3
+/-20%
GRM31CR60J476ME19L
Available
Mass Production
2.5+/-0.2
X5R
B3
16
+/-10%
GRM32ER61C476KE15L
Available
Mass Production
2.5+/-0.2
X5R
B3
10
+/-10%
GRM32ER61A476KE20L
Available
Mass Production
1206
1.6+/-0.2
X5R
X5R
6.3
+/-20%
GRM31CR60J107ME39L
Available
Mass Production
1210
2.5+/-0.2
X5R
B3
6.3
+/-20%
GRM32ER60J107ME20L
Available
Mass Production
1.25+/-0.1
2.2uF
0805
22uF
0805
1206
1210
1210
47uF
1206
1210
100uF
4.7uF
0805
1206
10uF
0805
1206
1uF
0402
0603
0603


Similar Part No. - GRM31MR61A106KE19L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM31MR61A475KC31 MURATA1-GRM31MR61A475KC31 Datasheet
361Kb / 1P
   capacitor data sheet
GRM31MR61A475KC31K MURATA1-GRM31MR61A475KC31K Datasheet
361Kb / 1P
   capacitor data sheet
GRM31MR61A475KC31L MURATA1-GRM31MR61A475KC31L Datasheet
361Kb / 1P
   capacitor data sheet
More results

Similar Description - GRM31MR61A106KE19L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0222C1H4R5BA03 MURATA-GRM0222C1H4R5BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8WA03 MURATA-GRM0222C1H4R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R1DA03 MURATA-GRM0222C1H5R1DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R2DA03 MURATA-GRM0222C1H5R2DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R1BA03 MURATA-GRM0222C1H4R1BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8CA03 MURATA-GRM0222C1H4R8CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GNM314R71H104MA11 MURATA-GNM314R71H104MA11 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM2145C1H470KD01 MURATA-GNM2145C1H470KD01 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM1M25C1H220KD01 MURATA-GNM1M25C1H220KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GRM0222C1H4R1WA03 MURATA-GRM0222C1H4R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R3CA03 MURATA-GRM0222C1H4R3CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com