Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM0225C1C4R7WD05L Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # GRM0225C1C4R7WD05L
Description  Chip Monolithic Ceramic Capacitors
Download  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0225C1C4R7WD05L Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button GRM0225C1C4R7WD05L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R7WD05L Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R7WD05L Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R7WD05L Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R7WD05L Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R7WD05L Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R7WD05L Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R7WD05L Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R7WD05L Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 221 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Please check the MURATA home page (http://www.murata.com/) if you cannot find the part number in the catalog.
Continued from the preceding page.
Murata Code
Capacitance Change from 25
°C (%)
–55
°C
–30
°C
–10
°C
Max.
Min.
Max.
Min.
Max.
Min.
5C/5G
0.58
–0.24
0.40
–0.17
0.25
–0.11
6C
0.87
–0.48
0.59
–0.33
0.38
–0.21
6P
2.33
0.72
1.61
0.50
1.02
0.32
6R
3.02
1.28
2.08
0.88
1.32
0.56
6S
4.09
2.16
2.81
1.49
1.79
0.95
6T
5.46
3.28
3.75
2.26
2.39
1.44
7U
8.78
5.04
6.04
3.47
3.84
2.21
EIA Code
4C
2.56
–1.88
1.54
–1.13
1.02
–0.75
3P
1.65
0.14
1.10
0.09
3R
2.03
0.45
1.35
0.30
3S
2.63
0.95
1.76
0.63
3T
3.40
1.58
2.27
1.05
3U
4.94
2.84
3.29
1.89
3C
1.37
–0.90
0.82
–0.54
0.55
–0.36
Murata Code
Capacitance Change from 20
°C (%)
–55
°C
–25
°C
–10
°C
Max.
Min.
Max.
Min.
Max.
Min.
2C
0.82
–0.45
0.49
–0.27
0.33
–0.18
2P
1.32
0.41
0.88
0.27
2R
1.70
0.72
1.13
0.48
2S
2.30
1.22
1.54
0.81
2T
3.07
1.85
2.05
1.23
1X
––––––
oCapacitance Change from each temperature
JIS Code
uCapacitance
Expressed by three-digit alphanumerics. The unit is picofarad
(pF). The first and second figures are significant digits, and the
third figure expresses the number of zeros which follow the two
numbers.If there is a decimal point, it is expressed by the capital
letter "
R." In this case, all figures are significant digits.
R50
1R0
100
103
Ex.)
0.5pF
1.0pF
10pF
10000pF
Code
Capacitance
yRated Voltage
0E
0G
0J
1A
1C
1E
YA
1H
2A
2D
2E
YD
2H
2J
3A
3D
3F
BB
E2
GC
GF
GD
GB
DC2.5V
DC4V
DC6.3V
DC10V
DC16V
DC25V
DC35V
DC50V
DC100V
DC200V
DC250V
DC300V
DC500V
DC630V
DC1kV
DC2kV
DC3.15kV
DC350V (for Camera Flash Circuit)
AC250V
X1/Y2; AC250V (Safety Standard Certified Type GC)
Y2, X1/Y2; AC250V (Safety Standard Certified Type GF)
Y3; AC250V (Safety Standard Certified Type GD)
X2; AC250V (Safety Standard Certified Type GB)
Code
Rated Voltage
Continued on the following page.
4
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20


Similar Part No. - GRM0225C1C4R7WD05L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0225C1C4R7WD05 MURATA-GRM0225C1C4R7WD05 Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C4R7WD05 MURATA-GRM0225C1C4R7WD05 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C4R7WD05 MURATA-GRM0225C1C4R7WD05 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GRM0225C1C4R7WD05L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com