Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM21BR61E475K Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # GRM21BR61E475K
Description  CHIP MONOLITHIC CERAMIC CAPACITOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM21BR61E475K Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  GRM21BR61E475K Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM21BR61E475K Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM21BR61E475K Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM21BR61E475K Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM21BR61E475K Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM21BR61E475K Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM21BR61E475K Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FM7500U-092-NOV09
muRata GRM Hi-Cap 2009_11
All information is subject to change without notice, is not warranted in any fashion.
GRM series / Hi
GRM series / Hi--Cap (1uF and over)
Cap (1uF and over)
CHIP MONOLITHIC CERAMIC CAPACITOR
< Low profile series> GRM15 series: 0.33mm Max
GRM18 series: 0.50mm Max
GRM21 series: 0.70mm Max, 0.95mm Max
GRM31 series: 0.95mm Max
Chip size and Capacitance range
Page.3
Mass Production
Under Development
Type
Size
WV
10
6.3
4
25
16
10
6.3
4
25
16
10
6.3
4
50
35
25
16
10
6.3
50
35
25
16
10
6.3
10
1
GRM15
0402
0805
2.2
4.7
100
22
47
0603
GRM18
GRM21
GRM32
1210
1206
GRM31
Type
Size
Tmax
(mm)
WV
GRM15
0402
0.33
4
GRM18
0603
0.5
16
10
6.3
4
GRM21
0805
0.7
25
16
10
0.95
25
16
X5R
X6S
10
6.3
4
X6S
GRM31
1206
0.7
25
16
10
50
25
16
10
X5R
X5R
X5R
X5R
X5R
X5R
X6S
X5R
X5R
X5R
X6S
X5R
X6S
X5R
4.7
10
X5R
X6S
22
X5R
1
X5R
2.2
X5R
X6S
X5R
X5R
X7R
X5R
X5R
X5R
0.95
X5R
X5R
X5R
<X5R >
NEW
NEW
NEW
NEW
NEW
NEW
NEW


Similar Part No. - GRM21BR61E475K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM21BR61E475K MURATA-GRM21BR61E475K Datasheet
61Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 4.7關F 25V
GRM21BR61E475KA12 MURATA-GRM21BR61E475KA12 Datasheet
810Kb / 29P
   Chip Monolithic Ceramic Capacitor for General
logo
Murata Manufacturing Co...
GRM21BR61E475KA12 MURATA1-GRM21BR61E475KA12 Datasheet
558Kb / 4P
   Ceramic Capacitors(SMD)
11/08/2022
GRM21BR61E475KA12K MURATA1-GRM21BR61E475KA12K Datasheet
558Kb / 4P
   Ceramic Capacitors(SMD)
11/08/2022
More results

Similar Description - GRM21BR61E475K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0222C1H4R5BA03 MURATA-GRM0222C1H4R5BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8WA03 MURATA-GRM0222C1H4R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R1DA03 MURATA-GRM0222C1H5R1DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R2DA03 MURATA-GRM0222C1H5R2DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R1BA03 MURATA-GRM0222C1H4R1BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8CA03 MURATA-GRM0222C1H4R8CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GNM314R71H104MA11 MURATA-GNM314R71H104MA11 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM2145C1H470KD01 MURATA-GNM2145C1H470KD01 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM1M25C1H220KD01 MURATA-GNM1M25C1H220KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GRM0222C1H4R1WA03 MURATA-GRM0222C1H4R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R3CA03 MURATA-GRM0222C1H4R3CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com