Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM0225C1C4R4CD05L Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # GRM0225C1C4R4CD05L
Description  Chip Monolithic Ceramic Capacitors
Download  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0225C1C4R4CD05L Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  GRM0225C1C4R4CD05L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R4CD05L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R4CD05L Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R4CD05L Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R4CD05L Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R4CD05L Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R4CD05L Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R4CD05L Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R4CD05L Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 221 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Please check the MURATA home page (http://www.murata.com/) if you cannot find the part number in the catalog.
(Part Number)
w
qProduct ID
wSeries
Chip Monolithic Ceramic Capacitors
GR
GQ
GM
GN
LL
GJ
GA
J
M
4
7
M
A
D
M
L
R
A
M
M
2
3
Soft Termination Type
Tin Plated Layer
Only for Information Devices / Tip & Ring
Only for Camera Flash Circuit
High Frequency for
Flow/Reflow Soldering
Monolithic Microchip
For Bonding
Capacitor Array
Low ESL Type
Controlled ESR Low ESL Type
8-termination Low ESL Type
10-termination Low ESL Type
High Frequency Low Loss Type
For AC250V (r.m.s.)
Safety Standard Certified Type
Product ID
Code
Series
GR
q
M
e
18
r
8
t
B1
y
1H
u
102
i
K
o
A01
eDimensions (LgW)
!0
D
Code
0.4g0.2mm
0.6g0.3mm
0.5g0.5mm
0.8g0.8mm
0.38g0.38mm
0.9g0.6mm
1.0g0.5mm
1.6g0.8mm
1.37g1.0mm
2.0g1.25mm
2.8g2.8mm
3.2g1.6mm
3.2g2.5mm
4.5g2.0mm
4.5g3.2mm
5.7g2.8mm
5.7g5.0mm
Dimensions (LgW)
01005
0201
0202
0303
015015
0302
0402
0603
0504
0805
1111
1206
1210
1808
1812
2211
2220
EIA
02
03
05
08
0D
0M
15
18
1M
21
22
31
32
42
43
52
55
A
B
C
D
E
F
M
N
Q
R
S
X
1.0mm
1.25mm
1.6mm
2.0mm
2.5mm
3.2mm
1.15mm
1.35mm
1.5mm
1.8mm
2.8mm
Depends on individual standards.
rDimension (T) (Except GNM)
Code
2
3
5
6
7
8
9
0.2mm
0.3mm
0.5mm
0.6mm
0.7mm
0.8mm
0.85mm
Dimension (T)
rElements (GNM Only)
Code
2
4
2-elements
4-elements
Elements
Continued on the following page.
o Part Numbering
o Part Numbering
2
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20


Similar Part No. - GRM0225C1C4R4CD05L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0225C1C4R4CD05 MURATA-GRM0225C1C4R4CD05 Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C4R4CD05 MURATA-GRM0225C1C4R4CD05 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C4R4CD05 MURATA-GRM0225C1C4R4CD05 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GRM0225C1C4R4CD05L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com