Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM0225C1C4R3WD05L Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # GRM0225C1C4R3WD05L
Description  Chip Monolithic Ceramic Capacitors
Download  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0225C1C4R3WD05L Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button GRM0225C1C4R3WD05L Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R3WD05L Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R3WD05L Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R3WD05L Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R3WD05L Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R3WD05L Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R3WD05L Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R3WD05L Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM0225C1C4R3WD05L Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 221 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Please check the MURATA home page (http://www.murata.com/) if you cannot find the part number in the catalog.
Continued from the preceding page.
Expressed by three figures.
oIndividual Specification Code (Except LLR)
iCapacitance Tolerance
Code
W
GRM/GJM
Series
C
TC
±0.05pF
Capacitance Tolerance
V9.9pF
0.1pF
B
GRM/GJM
GQM
C
±0.1pF
V9.9pF
V1pF
1.1 to 9.9pF
0.1pF
0.1pF
1pF Step and E24 Series
C
GRM/GJM
GRM
GQM
C
except C
C
±0.25pF
V9.9pF
V5pF
V1pF
1.1 to 9.9pF
0.1pF
* 1pF
0.1pF
1pF Step and E24 Series
D
GRM/GJM
GRM
GQM
C
except C
C
±0.5pF
5.1 to 9.9pF
5.1 to 9.9pF
5.1 to 9.9pF
0.1pF
* 1pF
1pF Step and E24 Series
G
GJM
GQM
C
C
±2%
U10pF
U10pF
E12 Series
E24 Series
J
GRM/GA3
GQM/GJM
C
∆, SL, U2J
C
±5%
U10pF
U10pF
E12 Series
E24 Series
Capacitance Step
K
GRJ/GRM/GR7/GA3
GNM
GR4, GMD
B, R, X7R, X5R, ZLM
C0G
B, R, X7R, X5R, ZLM
±10%
E6 Series
E6 Series
E12 Series
M
GRM/GMA
GNM
GA2
LLL/LLR/LLA/LLM
B, R, X7R, X7S
X5R, X7R, X7S
X7R
X5R, X7R, X7S, X6S
±20%
E6 Series
E3 Series
E3 Series
E3 Series
Z
GRM
F, Y5V
+80%, -20%
E3 Series
R
Depends on individual standards.
* E24 series is also available.
oESR (LLR Only)
Code
E01
E03
E05
E07
100m
220m
470m
1000m
ESR
!0Packaging
Code
L
D
E
K
J
F
B
C
T
ø180mm Embossed Taping
ø180mm Paper Taping
ø180mm Paper Taping (LLL15)
ø330mm Embossed Taping
ø330mm Paper Taping
ø330mm Paper Taping (LLL15)
Bulk
Bulk Case
Bulk Tray
Packaging
5
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20


Similar Part No. - GRM0225C1C4R3WD05L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0225C1C4R3WD05 MURATA-GRM0225C1C4R3WD05 Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C4R3WD05 MURATA-GRM0225C1C4R3WD05 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C4R3WD05 MURATA-GRM0225C1C4R3WD05 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GRM0225C1C4R3WD05L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com