Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTC5200 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TTC5200
Description  Power Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TTC5200 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TTC5200 Datasheet HTML 1Page - Toshiba Semiconductor TTC5200 Datasheet HTML 2Page - Toshiba Semiconductor TTC5200 Datasheet HTML 3Page - Toshiba Semiconductor TTC5200 Datasheet HTML 4Page - Toshiba Semiconductor TTC5200 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TTC5200
2009-07-13
4
rth – tw
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
Curves apply only to limited areas of thermal resistance.
Single nonrepetitive pulse
Tc=25℃ Infinite heat sink
Pulse width tw (s)
Collector-emitter voltage VCE (V)
Safe Operating Area
0.01
0.1
1
10
100
1
10
100
1000
IC MAX (Pulse)*
DC operation
Tc=25°C
*Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.
IC MAX (continuous)
100ms*
10ms*
1ms*


Similar Part No. - TTC5200

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
TTC5200 NELLSEMI-TTC5200 Datasheet
256Kb / 3P
   Silicon NPN triple diffusion planar transistor 15A/230V/150W
logo
JILIN SINO-MICROELECTRO...
TTC5200 JSMC-TTC5200 Datasheet
306Kb / 6P
   Power Amplifier Applications
logo
Thinki Semiconductor Co...
TTC5200 THINKISEMI-TTC5200 Datasheet
303Kb / 2P
   150 Watt Silicon Epitaxial Planar NPN Power Transistors
logo
Toshiba Semiconductor
TTC5200 TOSHIBA-TTC5200 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
JILIN SINO-MICROELECTRO...
TTC5200-O-AL-N-D JSMC-TTC5200-O-AL-N-D Datasheet
306Kb / 6P
   Power Amplifier Applications
More results

Similar Description - TTC5200

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com