Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-4003 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # AN-4003
Description  PC POWER SUPPLY DESIGN WITH KA3511
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-4003 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  AN-4003 Datasheet HTML 1Page - Fairchild Semiconductor AN-4003 Datasheet HTML 2Page - Fairchild Semiconductor AN-4003 Datasheet HTML 3Page - Fairchild Semiconductor AN-4003 Datasheet HTML 4Page - Fairchild Semiconductor AN-4003 Datasheet HTML 5Page - Fairchild Semiconductor AN-4003 Datasheet HTML 6Page - Fairchild Semiconductor AN-4003 Datasheet HTML 7Page - Fairchild Semiconductor AN-4003 Datasheet HTML 8Page - Fairchild Semiconductor AN-4003 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
Rev C, November 1999
3. PIN DESCRIPTION
Pin
No.
Name
I/O
Function
Pin
No.
Name
I/O
Function
1
VCC
I
Supply voltage
12
Vref
O
Precision reference VTG
2
COMP
O
E/A output
13
V3.3
I
OVP, UVP input for 3.3V
3
E/A(-)
I
E/A (-) input
14
V5
I
OVP, UVP input for 5V
4
E/A(+)
I
E/A (+) input
15
V12
I
OVP, UVP input for 12V
5
TREM
Remote on/off delay
16
PT
I
Extra protection input
6
REM
I
Remote on/off input
17
TUVP
UVP delay
7
RT
Oscillation freq. setting R
18
GND
Signal ground
8
CT
Oscillation freq. setting C
19
DTC
I
Deadtime control input
9
DET
I
Detect input
20
C2
O
Output 2
10
TPG
PG delay
21
E
Power ground
11
PG
O
Power good signal output
22
C1
O
Output 1
KA3511
V
CC
COMPE/A(-)
EA(+)
TREM
REM
RT
CT
DET
TP
G
P
G
#1
#11
Vref
#12
V3.3
#22
V5
V12
PT
TUVP
GND
DTC
C2
E
C1


Similar Part No. - AN-4003

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AN-4005 MA-COM-AN-4005 Datasheet
4Mb / 2P
   MAFL-009272 Improved rejection circuit 5 - 1002 / 1125 - 1550 MHz
logo
Fairchild Semiconductor
AN-400A FAIRCHILD-AN-400A Datasheet
305Kb / 8P
   Low-Power Green-Mode PWM Flyback Power Controller
More results

Similar Description - AN-4003

ManufacturerPart #DatasheetDescription
logo
Shenzhen Dongfangteng T...
EST7502B EST-EST7502B Datasheet
159Kb / 7P
   PC Power Supply PWM with Supervisor
2007-10-15 V2
logo
ADL Embedded Solutions
ADLPS104CF ADL-ADLPS104CF Datasheet
185Kb / 1P
   Power Supply with CF Socket PC/104
logo
Mean Well Enterprises C...
YP-350J-AA MEANWELL-YP-350J-AA Datasheet
312Kb / 2P
   350WATX with 24V industrial PC Power Supply
logo
Lite-On Technology Corp...
PS-5651-2 LITEON-PS-5651-2 Datasheet
357Kb / 3P
   PC Power Supply ATX Series with Modular
PS-5551-2 LITEON-PS-5551-2 Datasheet
351Kb / 3P
   PC Power Supply ATX Series with Modular
PS-5751-2 LITEON-PS-5751-2 Datasheet
356Kb / 3P
   PC Power Supply ATX Series with Modular
PS-5851-2 LITEON-PS-5851-2 Datasheet
357Kb / 3P
   PC Power Supply ATX Series with Modular
logo
BOSER Technology Co., L...
BBS-4016-E BOSER-BBS-4016-E Datasheet
500Kb / 1P
   Compact PC design
BBS-4020-E BOSER-BBS-4020-E Datasheet
639Kb / 1P
   Compact PC design
BBS-4016-F BOSER-BBS-4016-F Datasheet
224Kb / 1P
   compact pc design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com