Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3511 Datasheet(PDF) 17 Page - Fairchild Semiconductor

Part # KA3511
Description  PC POWER SUPPLY DESIGN WITH KA3511
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3511 Datasheet(HTML) 17 Page - Fairchild Semiconductor

Back Button KA3511 Datasheet HTML 13Page - Fairchild Semiconductor KA3511 Datasheet HTML 14Page - Fairchild Semiconductor KA3511 Datasheet HTML 15Page - Fairchild Semiconductor KA3511 Datasheet HTML 16Page - Fairchild Semiconductor KA3511 Datasheet HTML 17Page - Fairchild Semiconductor KA3511 Datasheet HTML 18Page - Fairchild Semiconductor KA3511 Datasheet HTML 19Page - Fairchild Semiconductor KA3511 Datasheet HTML 20Page - Fairchild Semiconductor KA3511 Datasheet HTML 21Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
Rev C, November 1999
Considering the lightning surge and noise, there are two types of protections. One is a few sec-
onds delay between TPG and PG for safe operation and another is some noise margin of Pin10.
Noise_Margin_of_TPG = V10(max) – Vth(L) = 2.9V – 0.6V = 2.3V
7. ABOUT TEST METHOD
You can verify the KA3511 with a SMPS set. But you should pay attention to the device damage
problem by increasing VCC. You should remove the sub-board after +5Vsb drops to 0V and VCC of
KA3511 is grounded and then fan stops under the Remote Low.
– OVP function of +3.3V/+5V/+12V
You can test OVP for +3.3V/+5V/+12V by shorting Pin16 and Pin17 to GND.
– UVP function of +3.3V/+5V/+12V
You can simply test UVP for +3.3V/+5V/+12V by shorting Pin16 to GND.
– OVP input threshold voltage for PT
The test condition is remote “Low” and you increase the supply voltage of pin16 using a DC
power supply. When the voltage is over 1.2 x V, main power supply will shutdown. So, you can
measure the shutdown point of main power supply, and that will be a OVP input threshold volt-
age for PT.
– Remote On/Off delay time
You can measure the time difference of remote On/Off and the main power supply output as
toggling the remote On/Off.
– PG delay time
In AC power-on time, secondary outputs are turned on and then after some delay time PG out-
put is triggered from low to high. You can measure the time difference of +5V and PG in turn-on
time.


Similar Part No. - KA3511

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3511BS FAIRCHILD-KA3511BS Datasheet
155Kb / 20P
   Intelligent Voltage Mode PWM IC
KA3511DS FAIRCHILD-KA3511DS Datasheet
170Kb / 18P
   Intelligent Voltage Mode PWM IC
More results

Similar Description - KA3511

ManufacturerPart #DatasheetDescription
logo
Shenzhen Dongfangteng T...
EST7502B EST-EST7502B Datasheet
159Kb / 7P
   PC Power Supply PWM with Supervisor
2007-10-15 V2
logo
ADL Embedded Solutions
ADLPS104CF ADL-ADLPS104CF Datasheet
185Kb / 1P
   Power Supply with CF Socket PC/104
logo
Mean Well Enterprises C...
YP-350J-AA MEANWELL-YP-350J-AA Datasheet
312Kb / 2P
   350WATX with 24V industrial PC Power Supply
logo
Lite-On Technology Corp...
PS-5651-2 LITEON-PS-5651-2 Datasheet
357Kb / 3P
   PC Power Supply ATX Series with Modular
PS-5551-2 LITEON-PS-5551-2 Datasheet
351Kb / 3P
   PC Power Supply ATX Series with Modular
PS-5751-2 LITEON-PS-5751-2 Datasheet
356Kb / 3P
   PC Power Supply ATX Series with Modular
PS-5851-2 LITEON-PS-5851-2 Datasheet
357Kb / 3P
   PC Power Supply ATX Series with Modular
logo
BOSER Technology Co., L...
BBS-4016-E BOSER-BBS-4016-E Datasheet
500Kb / 1P
   Compact PC design
BBS-4020-E BOSER-BBS-4020-E Datasheet
639Kb / 1P
   Compact PC design
BBS-4016-F BOSER-BBS-4016-F Datasheet
224Kb / 1P
   compact pc design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com