Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3511 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # KA3511
Description  PC POWER SUPPLY DESIGN WITH KA3511
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3511 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button KA3511 Datasheet HTML 7Page - Fairchild Semiconductor KA3511 Datasheet HTML 8Page - Fairchild Semiconductor KA3511 Datasheet HTML 9Page - Fairchild Semiconductor KA3511 Datasheet HTML 10Page - Fairchild Semiconductor KA3511 Datasheet HTML 11Page - Fairchild Semiconductor KA3511 Datasheet HTML 12Page - Fairchild Semiconductor KA3511 Datasheet HTML 13Page - Fairchild Semiconductor KA3511 Datasheet HTML 14Page - Fairchild Semiconductor KA3511 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
Rev C, November 1999
So Output Duty Ratio will change from the minimum duty ratio to the maximum duty ratio.
Also, if the remote voltage is high, the deadtime control voltage will keep 3V (=3mA xR2 (1k
Ω)) by
the internal 3mA current source for soft start. Therefore, when the remote voltage is low, the dead-
time control voltage will be changed from 3V to almost ground potential. And its soft start time
dependent on external capacitor C1.
6.4 OUTPUT VOLTAGE REGULATION
Figure 6. Output Regulation Circuit
+5V/+12V output voltages are determined by resistor ratio of R1,R2,R3 and R4. The resistor value
can be changed by set condition and requirements.
R5, C1 are the compensation circuit for stability.
If output voltage (+5V or +12V) is increase, duty ratio of main power switch will be reduced by
PWM control comparator signal and error amplifier output. Therefore the output voltage will be
reduced.
On the contrary, if output voltage (+5V or +12V) is reduce, duty ratio of main power switch will be
increased by PWM control comparator signal and error amplifier output. Therefore the output volt-
age will be increased. So the output voltage of power supply will be regulated.
2
4
3
+5V
+12V
COMP
E/A(-)
E/A(+)
R5
1k
R2
33kΩ
R1
11kΩ
R3
2k
R4
1k
C1
103
Vref
PWM Control
Comparator
1.25V
Err-Amp


Similar Part No. - KA3511

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3511BS FAIRCHILD-KA3511BS Datasheet
155Kb / 20P
   Intelligent Voltage Mode PWM IC
KA3511DS FAIRCHILD-KA3511DS Datasheet
170Kb / 18P
   Intelligent Voltage Mode PWM IC
More results

Similar Description - KA3511

ManufacturerPart #DatasheetDescription
logo
Shenzhen Dongfangteng T...
EST7502B EST-EST7502B Datasheet
159Kb / 7P
   PC Power Supply PWM with Supervisor
2007-10-15 V2
logo
ADL Embedded Solutions
ADLPS104CF ADL-ADLPS104CF Datasheet
185Kb / 1P
   Power Supply with CF Socket PC/104
logo
Mean Well Enterprises C...
YP-350J-AA MEANWELL-YP-350J-AA Datasheet
312Kb / 2P
   350WATX with 24V industrial PC Power Supply
logo
Lite-On Technology Corp...
PS-5651-2 LITEON-PS-5651-2 Datasheet
357Kb / 3P
   PC Power Supply ATX Series with Modular
PS-5551-2 LITEON-PS-5551-2 Datasheet
351Kb / 3P
   PC Power Supply ATX Series with Modular
PS-5751-2 LITEON-PS-5751-2 Datasheet
356Kb / 3P
   PC Power Supply ATX Series with Modular
PS-5851-2 LITEON-PS-5851-2 Datasheet
357Kb / 3P
   PC Power Supply ATX Series with Modular
logo
BOSER Technology Co., L...
BBS-4016-E BOSER-BBS-4016-E Datasheet
500Kb / 1P
   Compact PC design
BBS-4020-E BOSER-BBS-4020-E Datasheet
639Kb / 1P
   Compact PC design
BBS-4016-F BOSER-BBS-4016-F Datasheet
224Kb / 1P
   compact pc design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com