Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT2018SMX-4 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT2018SMX-4
Description  extremely compact, high quality, low aging, seam welded crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT2018SMX-4 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT2018SMX-4 Datasheet HTML 1Page - Advanced Crystal Technology ACT2018SMX-4 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACT2018SMX-4
STANDARD
Example :
CZ
2400
E
F
G
D
(#)
- PF
ACT2018SMX-4
24MHz
(±10ppm)
(±10ppm)
(-20+70)
(3K Reel )
(RoHS)
E
10
G
20
F
Fundamental
- PF
G
-20+70
GO
8
JO
9
KO
10
Package
MO
11
L = Loose
OO
12
D =3K Reels
ZO
14
F
10
PO
15
I
20
RO
16
K
30
TO
18
VO
20
WO
22
AA
24
CA
27
DA
30
Others available
`
(8.0pF minimum)
NOTES :
1)
2)
( EG : A24MHz custom ACT2018SMX-4 device may have a part number such as CZ2400C- C1133-PF)
Issue 4 YC1F
Date:13-9-2012
Tighter aging may be
available please enquire.
Leave blank for standard
aging.
ISO9001 Registered
For quotations or further information please contact us at:
http:www.actcrystals.com
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, United Kingdom
ACT are always happy to consider truly custom specification parts which may require non-standard specification
parameters, specific testing, customer requested AQL requirements, non standard packaging or taping and
reeling and custom marking. Such devices would normally be allocated a custom specification part number
which is wholly customer specific.
CZ2400EFGKOFD - PF
24.00MHz
Full Example Part Number
Tighter Tolerances and Stabilities and other Operating Temperature Ranges may be available.
As each of these specification parameters impact on each other, it is not always possible to combine all options
in one device. Therefore, if a specification not catered for above is required, please contact us directly for the
relevant part number code(s).
SERIES : ACT2018SMX-4 Part numbering code is CZ
Operating
Temperature Range
(ºC)
Mode
Frequency
To 99.9999MHz
1st
four digits of
Frequency
KO
(10pF)
RoHS
Comp'
F
(Fund')
Tolerance (±pm)
@ 25ºC
Examples
24.000MHz = 2400
Commodity Code
854160 00 00
Load
Capacitance
( pF or Series
Resonance)
Stability Over
Operating
Temperature (ºC)
NB:
It is important to
suffix the above
part number with
the full frequency
required to give a
completed part
number as
illustrated below
59.9999MHz = 5999


Similar Part No. - ACT2018SMX-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACT201 ETC2-ACT201 Datasheet
132Kb / 2P
   miniature surface mount Watch Crystal whose low power
logo
Advanced Crystal Techno...
ACT201 ACT-ACT201 Datasheet
132Kb / 2P
   miniature surface mount Watch Crystal
17/08/04
ACT2016SMX-4 ACT-ACT2016SMX-4 Datasheet
452Kb / 3P
   extremely compact, high quality, low aging, seam welded crystal
06-12-2012
More results

Similar Description - ACT2018SMX-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT2208SMX-4 ACT-ACT2208SMX-4 Datasheet
383Kb / 2P
   extremely compact, high quality, low aging, seam welded crystal
19-3-13
ACT2016SMX-4 ACT-ACT2016SMX-4 Datasheet
452Kb / 3P
   extremely compact, high quality, low aging, seam welded crystal
06-12-2012
ACT2265SMX-4 ACT-ACT2265SMX-4 Datasheet
226Kb / 3P
   compact 4 pad, high quality, low aging, seam welded crystal
18-07-2012
ACT2205SMX-4 ACT-ACT2205SMX-4 Datasheet
199Kb / 3P
   compact 4 pad, high quality, low aging, seam welded crystal
18-7-2012
ACT531SMX-4 ACT-ACT531SMX-4 Datasheet
116Kb / 2P
   4 pad, high quality, low aging, seam welded packaged crystal.
23/01/06
ACT1018SMX-4 ACT-ACT1018SMX-4 Datasheet
325Kb / 2P
   extremely compact, high quality, low aging, vacuum enclosed
05-02-2013
ACT421LCSMX-4 ACT-ACT421LCSMX-4 Datasheet
138Kb / 2P
   4 pad, high quality, low aging SMD Crystal
05/09/2006
ACT421SMX-4 ACT-ACT421SMX-4 Datasheet
137Kb / 1P
   4 pad, high quality, low aging SMD Crystal
01/02/06
ACT420SMX-4 ACT-ACT420SMX-4 Datasheet
262Kb / 2P
   4 pad, high quality, low aging 4x2.5mm SMD Crystal
24/01/07
ACT325SMX-4 ACT-ACT325SMX-4_12 Datasheet
305Kb / 4P
   low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal
18-7-2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com