Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9403APC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 9403APC
Description  First-In First-Out (FIFO) Buffer Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

9403APC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  9403APC Datasheet HTML 1Page - Fairchild Semiconductor 9403APC Datasheet HTML 2Page - Fairchild Semiconductor 9403APC Datasheet HTML 3Page - Fairchild Semiconductor 9403APC Datasheet HTML 4Page - Fairchild Semiconductor 9403APC Datasheet HTML 5Page - Fairchild Semiconductor 9403APC Datasheet HTML 6Page - Fairchild Semiconductor 9403APC Datasheet HTML 7Page - Fairchild Semiconductor 9403APC Datasheet HTML 8Page - Fairchild Semiconductor 9403APC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
www.fairchildsemi.com
EXPANSION
Vertical
Expansion—The
9403A
may
be
vertically
expanded to store more words without external parts. The
interconnection is necessary to form a 46-word by 4-bit
FIFO are shown in Figure 4. Using the same technique,
and FIFO of (15n
+ 1)-words by 4-bits can be constructed,
where n is the number of devices. Note that expansion
does not sacrifice any of the 9403A’s flexibility for serial/
parallel input and output.
FIGURE 4. A Vertical Expansion Scheme
Horizontal Expansion—The 9403A can also be horizon-
tally expanded to store long words (in multiples of four bits)
without external logic. The interconnections necessary to
form a 16-word by 12-bit FIFO are shown in Figure 5.
Using the same technique, any FIFO of 16 words by 4n bits
can be constructed, where n is the number of devices. The
IRF output of the right most device (most significant device)
is connected to the TTS inputs of all devices. Similarly, the
ORE output of the most significant device is connected to
the TOS inputs of all devices. As in the vertical expansion
scheme, horizontal expansion does not sacrifice any of the
9403A’s flexibility for serial/parallel input and output.
Horizontal and Vertical Expansion—The 9403A can be
expanded in both the horizontal and vertical directions
without any external parts and without sacrificing any of its
FIFO’s flexibility for serial/parallel input and output. The
interconnections necessary to form a 31-word by 16-bit
FIFO are shown in Figure 6. Using the same technique,
any FIFO of (15m
+ 1)-words by (4n)-bits can be con-
structed, where m is the number of devices in a column
and n is the number of devices in a row. Figure 7 and Fig-
ure 8 show the timing diagrams for serial data entry and
extraction for the 31-word by 16-bit FIFO shown in Figure
6. The final position of data after serial insertion of 496 bits
into the FIFO array of Figure 6 is shown in Figure 9.
Interlocking Circuitry—Most conventual FIFO designs
provide status signals analogous to IRF and ORE. How-
ever, when these devices are operated in arrays, variations
in unit to unit operating speed require external gating to
assure all devices have completed an operation. The
9403A incorporates simple but effective “master/slave”
interlocking circuitry to eliminate the need for external gat-
ing.
In the 9403A array of Figure 6 devices 1 and 5 are defined
as “row masters” and the other devices are slaves to the
master in their row. No slave in a given row will initialize its
Input Register until it has received LOW on its IES input
from a row master or a slave of higher priority.
In a similar fashion, the ORE outputs of slaves will not go
HIGH until their OES inputs have gone HIGH. This inter-
locking scheme ensures that new input data may be
accepted by the array when the IRF output of the final
slave in that row goes HIGH and that output data for the
array may be extracted when the ORE of the final slave in
the output row goes HIGH.
The row master is established by connecting its IES input
to ground while a slave receives it IES input from the IRF
output of the next higher priority device. When an array of
9403A FIFOs is initialized with a LOW on the MR inputs of
all devices, the IRF outputs of all devices will be HIGH.
Thus, only the row master receives a LOW on the IES input
during initialization. Figure 10 is a conceptual logic diagram
of the internal circuitry which determines master/slave
operation. Whenever MR and IES are LOW, the Master
Latch is set. Whenever TTS goes LOW the Request Initial-
ization Flip-Flop will be set. If the Master Latch is HIGH, the
input Register will be immediately initialized and the
Request Initialization Flip-Flop reset. If the Master Latch is
reset, the Input Register is not initialized until IES goes
LOW. In array operation, activating the TTS initiates a rip-
ple input register initialization from the row master to the
last slave.
A similar operation takes place for the output register.
Either a TOS or TOP input initiates a load-from-stack oper-
ation and sets the ORE Request Flip-Flop. If the Master
Latch is set, the last Output Register Flip-Flop is set and
ORE goes HIGH. If the Master latch is reset, the ORE out-
put will be LOW until an OES input is received.


Similar Part No. - 9403APC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9403 3M-9403 Datasheet
1Mb / 3P
   Sample Development Design Kits for High Speed Cabling and Connectors
logo
KISTLER INSTRUMENT CORP...
9403 KISTLER-9403 Datasheet
1,015Kb / 5P
   Multicomponent Dynamometer –5 ... 10 kN, top plate 100x170 mm
logo
Keystone Electronics Co...
9403 KEYSTONE-9403 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9403 HEYCO-9403 Datasheet
113Kb / 1P
   Wire Protector Terminal Blocks
logo
Molex Electronics Ltd.
94030-3891 MOLEX11-94030-3891 Datasheet
86Kb / 3P
   Quick Disconnect, Female, for 0.50-1.00mm짼 (18-20 AWG) wire, Accepts 6.35mm (.250") x 0.81mm (.032") Tab
More results

Similar Description - 9403APC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F403A FAIRCHILD-74F403A Datasheet
167Kb / 15P
   First-In First-Out (FIFO) Buffer Memory
74F433 FAIRCHILD-74F433 Datasheet
166Kb / 16P
   First-In First-Out (FIFO) Buffer Memory
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
Integrated Device Techn...
7201LA20TP IDT-7201LA20TP Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com