Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT530SMX-4 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACT530SMX-4
Description  low cost, 4 & 2pad, high quality
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT530SMX-4 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACT530SMX-4_12 Datasheet HTML 1Page - Advanced Crystal Technology ACT530SMX-4_12 Datasheet HTML 2Page - Advanced Crystal Technology ACT530SMX-4_12 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
= Standard
Example :
BS
1 2 0 0
I
K
G
C
(#)
- PF
(530SMX-4)
(12.000MHz )
(±30ppm)
(±30ppm)
(-20+70)
(1K Reel )
(RoHS)
BS
530SMX-4
BR
530SMX-2
E
10
F
15
F
Fundamental
G
20
- PF
H
25
A
0+50
I
30
E
-10+60
GO
8
L
50
G
-20+70
KO
10
L
-30+80
MO
11
Package
M
-40+85
OO
12
L = Loose
ZO
14
C =1K Reels
PO
15
B
5
RO
16
F
10
TO
18
G
15
VO
20
I
20
AA
24
J
25
BA
25
K
30
DA
30
O
50
SR
SR
Table 1
Table 2
NOTES :
1)
2)
3)
4)
Issue 14 C1F
Date: 19-09-2012
ISO9001 Registered
For quotations or further information please contact us at:
Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, United Ki
http:www.actcrystals.com
NB:
10000= 100.000MHz
It is important to
suffix the above part
number with the full
frequency required
to give a completed
part number as
illustrated below
SERIES : ACT530MX-4 Part numbering code is BS
Operating
Temperature
Range (ºC)
Mode
Frequency
To 99.9999MHz
1st
four digits of
Frequency
&
>99.9999MHz 1st five
Digits of Frequency
Stability Over
Operating
Temperature (ºC)
Tolerance (±pm)
@ 25ºC
Examples
1200 = 12.000MHz
9999 = 99.9999MHz
A guide to availability of tighter stabilities appears in the tables above.
Frequencies below 10.000MHz are prefixed with a "0" (eg: 0900 = 9MHz.Whereas 10.000MHz is 1000
Load
Capacitance
( pF or Series
Resonance)
RO
(16pF)
RoHS
Comp'
F
(Fund')
BS1200IKGROFC-PF 12.00MHz
Full Example Part Number
Refer to Table 1
and 2
Tighter Tolerances and Stabilities and other Operating Temperature Ranges may be available. As each of these specification parameters impact on each
other, it is not always possible to combine all options in one device. Therefore, if a specification not catered for above is required, please contact us directly
for the relevant part number code(s).
ACT are always happy to consider truly custom specification parts which may require non-standard specification parameters, specific testing, customer
requested AQL requirements, non standard packaging or taping and reeling and custom marking. Such devices would normally be allocated a custom
specification part number which is wholly customer specific.
( EG : A 12.00MHz custom ACT530SMX-2 device may have a part number such as BS1200C- C1500-PF)
Tighter aging may be
available please enquire.
Leave blank for standard
aging.
Stability
Temp
-40~+85°C

-30~+80°C


-10+60°C
-20~+70°C
+/- 5ppm
+/- 10ppm
+/- 20ppm
+/- 30ppm
0~+50°C

Standard
stabilities
+/- 50ppm


See Table 2
Frequency
MAX ESR
Tightest Tightest stability
MHz
ppm
ppm
Fundamental
( Standard T op)
F <10Mhz Specials
70
±10 ppm
-40~+85C ±30ppm -
20~ 70C ±10ppm
10MHz ~≦ 16MHz
100
±10 ppm
-40~+85C ±30ppm -
20~ 70C ±10ppm
12MHz ~≦ 16MHz
80
±10 ppm
-40~+85C ±20ppm -
20~ 70C ±10ppm
16MHz ~≦ 20MHz
60
±10 ppm
-40~+85C ±20ppm -
20~ 70C ±10ppm
20MHz ~≦ 30MHz
40
±10 ppm
-40~+85C ±15ppm -
20~ 70C ±10ppm
30MHz ~≦ 48MHz
30
±10 ppm
-40~+85C ±15ppm -
20~ 70C ±10ppm


Similar Part No. - ACT530SMX-4_12

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT530SMX-4 ACT-ACT530SMX-4 Datasheet
129Kb / 2P
   2/4 pad, high quality, low aging 5x3.2mm SMD
24/01/07
More results

Similar Description - ACT530SMX-4_12

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT3225GSMX-4 ACT-ACT3225GSMX-4 Datasheet
327Kb / 3P
   low cost, 4 pad, high quality 3X2.5mm SMD Crystal
18-7-2012
ACT325SMX-4 ACT-ACT325SMX-4 Datasheet
283Kb / 3P
   low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal
17/12/06
ACT325SMX-4 ACT-ACT325SMX-4_12 Datasheet
305Kb / 4P
   low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal
18-7-2012
ACT321AK-SMX-4 ACT-ACT321AK-SMX-4 Datasheet
216Kb / 2P
   a low cost, 4 pad, high quality, low aging 3.4X2.7mm SMD Crysta
06/03/07
ACT750SMX-2 ACT-ACT750SMX-2 Datasheet
172Kb / 3P
   low cost, 4 & 2 pad, high quality, low aging 7x5mm SMD Crystal
05/04/06
ACT750SMX-4 ACT-ACT750SMX-4_12 Datasheet
135Kb / 2P
   low cost, 4 & 2 pad, high quality, low aging 7x5mm SMD Crystal
18-7-2012
logo
Amphenol Corporation
242106 AMPHENOL-242106 Datasheet
434Kb / 2P
   FEATURES BENEFITS High Quality Wide Selection Low Cost
logo
Advanced Crystal Techno...
ACT533SMX-2 ACT-ACT533SMX-2_12 Datasheet
126Kb / 3P
   high quality, cost competitive ceramic
31-5-2012
ACT533SMX-2 ACT-ACT533SMX-2 Datasheet
145Kb / 2P
   high quality, cost competitive ceramic
05-10-05
ACT634SMX-2 ACT-ACT634SMX-2 Datasheet
169Kb / 6P
   low cost, 2 pad, high quality, low aging 6x3.5mm SMD
02/05/06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com