Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHCT74AM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74VHCT74AM
Description  Dual D-Type Flip-Flop with Preset and Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT74AM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VHCT74AM Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT74AM Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT74AM Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT74AM Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT74AM Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT74AM Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT74AM Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT74AM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 7: VCC is 5.0 r 0.5V
Note 8: CPD is defined as the value of internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (opr)
CPD u VCC u fIN  ICC/2 (per flip-flop).
AC Operating Requirements
Symbol
Parameter
VCC
(V)
(Note 7)
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
5.0
100
160
80
MHz
CL 15 pF
Frequency
5.0
80
140
65
CL 50 pF
tPLH
Propagation Delay Time
5.0
5.8
7.8
1.0
9.0
ns
CL 15 pF
tPHL
(CK-Q, Q)
5.0
6.3
8.8
1.0
10.0
CL 50 pF
tPLH
Propagation Delay time
5.0
7.6
10.4
1.0
12.0
ns
CL 15 pF
tPHL
(CLR, PR -Q, Q)
5.0
8.1
11.4
1.0
13.0
CL 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC Open
CPD
Power Dissipation Capacitance
24
pF
(Note 8)
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
(V)
Typ
Guaranteed Minimum
tW(L)
Minimum Pulse Width (CK)
5.0
r 0.5
5.0
5.0
ns
tW(H)
tW(L)
Minimum Pulse Width
5.0
r 0.5
5.0
5.0
ns
(CLR, PR)
tS
Minimum Setup Time
5.0
r 0.5
5.0
5.0
ns
tH
Minimum Hold Time
5.0
r 0.5
0
0
ns
tREM
Minimum Removal Time
5.0
r 0.5
3.5
3.5
ns
(CLR, PR)


Similar Part No. - 74VHCT74AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT74AM STMICROELECTRONICS-74VHCT74AM Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74AM FAIRCHILD-74VHCT74AM Datasheet
277Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
74VHCT74AM FAIRCHILD-74VHCT74AM Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
74VHCT74AM FAIRCHILD-74VHCT74AM Datasheet
254Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
74VHCT74AM ONSEMI-74VHCT74AM Datasheet
279Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
May 2008 Rev. 1.4.0
More results

Similar Description - 74VHCT74AM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
MM74HCT74 FAIRCHILD-MM74HCT74 Datasheet
85Kb / 7P
   Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
M54HC74 STMICROELECTRONICS-M54HC74 Datasheet
250Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
74AC74 STMICROELECTRONICS-74AC74 Datasheet
97Kb / 11P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
April 1997
M54HCT74 STMICROELECTRONICS-M54HCT74 Datasheet
249Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com